Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K78X6-1000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # K78X6-1000
Description  WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

K78X6-1000 Datasheet(HTML) 1 Page - Crystek Corporation

  K78X6-1000 Datasheet HTML 1Page - Crystek Corporation K78X6-1000 Datasheet HTML 2Page - Crystek Corporation K78X6-1000 Datasheet HTML 3Page - Crystek Corporation K78X6-1000 Datasheet HTML 4Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
K78XX-1000(L)
B/1-2011
Page 1 of 4
K78XX-1000(L) Series
WIDE INPUT NON-ISOLATED & REGULATED
SINGLE OUTPUT
RoHS
FEATURES
Product Program
Input Voltage(VDC)
Output
Efficiency (%)(Typ)
Part Number
Nominal
Range
Voltage
(VDC)
Current
(mA)
Vin
(min.)
Vin
(max.)
K7801-1000(L)
12
4.75-26
1.5
1000
80
71
K78X2-1000(L)
12
4.75-26
1.8
1000
83
74
K7802-1000(L)
12
4.75-28
2.5
1000
88
80
K7803-1000(L)
24
4.75~28
3.3
1000
90
83
K7805-1000(L)
24
6.5~32
5.0
1000
93
88
K78X6-1000(L)
24
9.0~32
6.5
1000
94
90
K7809-1000(L)
24
12~32
9.0
1000
95
92
K7812-1000(L)
24
16~32
12
1000
96
94
K7815-1000(L)
24
20~32
15
1000
97
94
Add suffix
“L” for 90° bend pins, for example: K7805-1000L.
Output Specifications
Item
Test conditions
Min.
Typ.
Max.
Units
Output voltage accuracy
100% full load
±2
±3
Line regulation
Vin=min. to max. at full load
±0.2
±0.4
Load regulation*
10% to 100% load
±0.4
±0.6
%
Ripple & Noise
20MHz bandwidth
(refer to figure 3)
25
35
mVp-p
Short circuit input power**
0.5
1.8
W
Short circuit protection
Continuous, automatic
recovery
Thermal shutdown
Internal IC junction
150
°C
Switching frequency
100% full load
280
330
450
KHz
Vout:1.5V~3.3V
3000
Output current limit
Vin= min. to max.
(at full load)
Vout:5V~15V
2000
mA
Quiescent current
5
8
mA
Temperature coefficient
-40
°C ~ +85°C ambient
±0.02 %/°C
Max capacitance load
1000
μF
* K78X2-1000 is
±0.75%(Max), ** K7801-1000 is 4W(Max).
COMMON SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
Power derating (above 71
°C)
-40
85
Operating case temp.
100
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
25℃(MIL-HDBK-217F)
2000
k hours
Weight
3.7
g
Efficiency up to 97%
Operating temperature: -40
°C ~ +85°C
Pin-out compatible with LM78XX Linear
Short circuit protection, thermal shutdown
Low ripple and noise
Micro miniature SIP package
No heatsink required
Industry standard pinout
MTBF>2,000,000 hours
APPLICATIONS
The
K78xx-1000(L)
series
high
efficiency
switching regulators are ideally suited to replace
78xx linear regulators and are pin compatible.
The efficiency of up to 97% means that very little
energy is wasted as heat so there is no need for
any heatsinks with their additional space and
mounting costs.
MODEL SELECTION
K7805-1000
Product Series
Output Voltage
Output Current
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-28203030
Fax:86-20-28203068
Http://www.mornsun-power.com


Similar Part No. - K78X6-1000

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78X6-1000 MORNSUN-K78X6-1000 Datasheet
109Kb / 3P
   SINGLE POSITIVE /NEGATIVE OUTPUT
K78X6-1000 MORNSUN-K78X6-1000 Datasheet
626Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED
logo
Guangzhou Reicu Electro...
K78X6-1000 REICU-K78X6-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X6-1000L REICU-K78X6-1000L Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
More results

Similar Description - K78X6-1000

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
TP78L1.5 TOPPOWER-TP78L1.5 Datasheet
299Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
   Wide Input Non-Isolated & Regulated, Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com