Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24002 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24002
Description  SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24002 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24002 Datasheet HTML 1Page - Texas Instruments BQ24002 Datasheet HTML 2Page - Texas Instruments BQ24002 Datasheet HTML 3Page - Texas Instruments BQ24002 Datasheet HTML 4Page - Texas Instruments BQ24002 Datasheet HTML 5Page - Texas Instruments BQ24002 Datasheet HTML 6Page - Texas Instruments BQ24002 Datasheet HTML 7Page - Texas Instruments BQ24002 Datasheet HTML 8Page - Texas Instruments BQ24002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
bq24001
bq24002
bq24003
SLUS462E − SEPTEMBER 2000 − REVISED NOVEMBER 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS CONTINUED
over recommended operating junction temperature supply and input voltages, and VI (VCC) ≥ VI (IN) ( unless otherwise noted)
APG/THERM DELAY, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
APG/THERM falling-edge deglitch
See Note 1
25
75
µs
(1) Assured by design, not production tested.
TIMERS, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
User-selectable timer accuracy
TA = 25°C
−15%
15%
User-selectable timer accuracy
−20%
20%
Precharge and taper timer
22.5
minute
THERMAL SHUTDOWN, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal trip
See Note 1
165
°C
Thermal hysteresis
See Note 1
10
°C
(1) Assured by design, not production tested.
CR PIN, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
0 < IO(CR) < 100 µA
2,816
2.85
2.88
V
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
N/C
IN
IN
VCC
ISNS
N/C
APG/THERM
EN
VSEL
GND/HEATSINK
N/C
OUT
OUT
VSENSE
AGND
N/C
STAT1
TMR SEL
CR
N/C
bq24001
PWP PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
N/C
IN
IN
VCC
ISNS
N/C
APG/THERM
EN
VSEL
GND/HEATSINK
N/C
OUT
OUT
VSENSE
AGND
STAT2
STAT1
TMR SEL
CR
N/C
bq24002, bq24003
PWP PACKAGE
(TOP VIEW)
N/C − Do not connect


Similar Part No. - BQ24002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24002 TI-BQ24002 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24002PWP TI-BQ24002PWP Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24002RGW TI-BQ24002RGW Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
More results

Similar Description - BQ24002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24004 TI-BQ24004 Datasheet
174Kb / 22P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24007 TI-BQ24007 Datasheet
327Kb / 25P
[Old version datasheet]   SINGLE CELL LI ION CHARGE MANAGEMENT IC WITH TIMER ENABLE FOR PDAS AND INTERNET APPLIANCES
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com