Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24003RGWR Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ24003RGWR
Description  SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24003RGWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24003RGWR Datasheet HTML 2Page - Texas Instruments BQ24003RGWR Datasheet HTML 3Page - Texas Instruments BQ24003RGWR Datasheet HTML 4Page - Texas Instruments BQ24003RGWR Datasheet HTML 5Page - Texas Instruments BQ24003RGWR Datasheet HTML 6Page - Texas Instruments BQ24003RGWR Datasheet HTML 7Page - Texas Instruments BQ24003RGWR Datasheet HTML 8Page - Texas Instruments BQ24003RGWR Datasheet HTML 9Page - Texas Instruments BQ24003RGWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
bq24001
bq24002
bq24003
SLUS462E − SEPTEMBER 2000 − REVISED NOVEMBER 2004
www.ti.com
6
20
19
18
17
16
6
7
8
9
10
N/C − Do Not Connect
EN
VSEL
GND
CR
N/C
N/C
N/C
N/C
OUT
OUT
bq24001
RGW PACKAGE
(TOP VIEW)
bq24002, bq24003
RGW PACKAGE
(TOP VIEW)
20
19
18
17
16
6
7
8
9
10
EN
VSEL
GND
CR
N/C
N/C
N/C
N/C
OUT
OUT
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
DESCRIPTION
AGND
16
14
Ground pin; connect close to the negative battery terminal.
APG/THERM
7
5
I
Adapter power good input/thermistor sense input
CR
12
9
I
Internal regulator bypass capacitor
EN
8
6
I
Charge-enable input. Active-high enable input with internal pull down. Low-current stand-by mode
active when EN is low.
GND/HEATSINK
10
8
Ground pin; connect to PowerPAD heat-sink layout pattern.
IN
2, 3
1, 2
I
Input voltage. This input provides the charging voltage for the battery.
ISNS
5
4
I
Current sense input
N/C
1, 6, 11,
15, 20
10, 13,
18−20
No connect. These pins must be left floating. Pin 15 is N/C on bq24001PWP only. Pin 13 is N/C on
bq24001RGW only.
OUT
18, 19
16, 17
O
Charge current output
STAT1
14
12
O
Status display output 1
STAT2
15
13
O
Status display output 2 (for bq24002 and bq24003 only)
TMR SEL
13
11
I
Charge timer selection input
VCC
4
3
I
Supply voltage
VSEL
9
7
I
4.1 V or 4.2 V charge regulation selection input
VSENSE
17
15
I
Battery voltage sense input


Similar Part No. - BQ24003RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24003RGW TI-BQ24003RGW Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
More results

Similar Description - BQ24003RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24004 TI-BQ24004 Datasheet
174Kb / 22P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24007 TI-BQ24007 Datasheet
327Kb / 25P
[Old version datasheet]   SINGLE CELL LI ION CHARGE MANAGEMENT IC WITH TIMER ENABLE FOR PDAS AND INTERNET APPLIANCES
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com