Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVC1103 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1103
Description  3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1103 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCLVC1103 Datasheet HTML 4Page - Texas Instruments CDCLVC1103 Datasheet HTML 5Page - Texas Instruments CDCLVC1103 Datasheet HTML 6Page - Texas Instruments CDCLVC1103 Datasheet HTML 7Page - Texas Instruments CDCLVC1103 Datasheet HTML 8Page - Texas Instruments CDCLVC1103 Datasheet HTML 9Page - Texas Instruments CDCLVC1103 Datasheet HTML 10Page - Texas Instruments CDCLVC1103 Datasheet HTML 11Page - Texas Instruments CDCLVC1103 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
0
5
10
15
0
20
40
60
80
100
120
140
160
180
V
= 2.5 V
DD
P
+ P
dyn
Cload8pF
P
+ P
dyn
Cload50/2
P
+ P
dyn
Cload2pF
f - Clock Frequency - MHz
0
10
20
30
40
0
20 40 60 80 100 120 140 160 180 200 220 240
f - Clock Frequency - MHz
V
= 3.3 V
DD
P
+ P
dyn
Cload8pF
P
+ P
dyn
Cload50/2
P
+ P
dyn
Cload2pF
0
1
2
3
0
20
40
60
80
100
120
140
160
180
I
= C
* V
* f
dyn
PD
DD
V
= 2.5 V
DD
f - Clock Frequency - MHz
0
1
2
3
4
5
0
20 40 60 80 100 120 140 160 180 200 220 240
f - Clock Frequency - MHz
I
= C
* V
* f
dyn
PD
DD
V
= 3.3 V
DD
CDCLVC11xx
SCAS895 – MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 8. Device Power Consumption vs Clock Frequency
Figure 9. Device Power Consumption vs Clock Frequency
(Load 50
Ω into VDD/2. 2pF, 8pF; Per Output)
(Load 50
Ω into VDD/2. 2pF, 8pF; Per Output)
Figure 10. Dynamic Supply Current vs Clock Frequency
Figure 11. Dynamic Supply Current vs Clock Frequency
(CPD = 6pF, No Load; Per Output)
(CPD = 4.5pF, No Load; Per Output)
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVC11xx


Similar Part No. - CDCLVC1103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC1103 TI-CDCLVC1103 Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1103 TI-CDCLVC1103 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1103PW TI-CDCLVC1103PW Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1103PWR TI-CDCLVC1103PWR Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
More results

Similar Description - CDCLVC1103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI1-LMK1C1102 Datasheet
1Mb / 21P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102_V01 Datasheet
1Mb / 26P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102 Datasheet
1Mb / 26P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
REVISED FEBRUARY 2022
LMK1C1104 TI1-LMK1C1104 Datasheet
1Mb / 20P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com