Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVC1106 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1106
Description  3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1106 Datasheet(HTML) 2 Page - Texas Instruments

  CDCLVC1106 Datasheet HTML 1Page - Texas Instruments CDCLVC1106 Datasheet HTML 2Page - Texas Instruments CDCLVC1106 Datasheet HTML 3Page - Texas Instruments CDCLVC1106 Datasheet HTML 4Page - Texas Instruments CDCLVC1106 Datasheet HTML 5Page - Texas Instruments CDCLVC1106 Datasheet HTML 6Page - Texas Instruments CDCLVC1106 Datasheet HTML 7Page - Texas Instruments CDCLVC1106 Datasheet HTML 8Page - Texas Instruments CDCLVC1106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CDCLVC1106
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
9
10
11
12
13
14
Y 1
Y 2
VDD
VDD
Y 3
Y 4
VDD
GND
Y 0
Y 5
GND
CDCLVC1108
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
9
10
11
12
13
14
15
16
Y 1
Y 2
VDD
VDD
Y 3
Y 4
VDD
GND
Y 0
Y 5
GND
Y 6
Y 7
CDCLVC 1110
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
Y 1
Y 2
VDD
VDD
Y 3
Y 4
VDD
GND
Y 0
Y 5
GND
Y 6
Y 7
Y 9
VDD
Y 8
GND
11
CDCLVC1102
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
Y 1
NC
VDD
NC
Y 0
CDCLVC1104
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
Y 1
Y 2
VDD
Y 3
Y 0
Y 1
Y 2
VDD
NC
CDCLVC1103
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
Y 0
CDCLVC 1112
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
9
10
16
17
18
19
20
21
22
23
24
Y 1
Y 2
VDD
VDD
Y 3
Y 4
VDD
GND
Y 0
Y 11
Y 5
GND
Y 6
Y 7
Y 9
VDD
Y 8
GND
11
12
13
14
15
GND
Y 10
VDD
CDCLVC11xx
SCAS895 – MAY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE OPTIONS
PIN FUNCTIONS
LVCMOS
CLOCK OUTPUT
SUPPLY
LVCMOS CLOCK OUTPUT
GROUND
CLOCK INPUT
ENABLE
VOLTAGE
DEVICES
CLKIN
1G
Y0, Y1, … Y11
VDD
GND
CDCLVC1102
1
2
3, 8
6
4
CDCLVC1103
1
2
3, 8, 5
6
4
CDCLVC1104
1
2
3, 8, 5, 7
6
4
CDCLVC1106
1
2
3, 14, 11, 13, 6, 9
5, 8, 12
4, 7, 10
CDCLVC1108
1
2
3, 16, 13, 15, 6, 11, 8, 9
5, 10, 14
4, 7, 12
CDCLVC1110
1
2
3, 20, 17, 19, 6, 15, 8, 13, 10
5, 9, 14, 18
4, 7, 11, 16
CDCLVC1112
1
2
3, 24, 21, 23, 6, 19, 8, 17, 16, 10, 14, 12
5, 9, 13, 18, 22
4, 7, 11, 15, 20
OUTPUT LOGIC TABLE
INPUTS
OUTPUTS
CLKIN
1G
Yn
X
L
L
L
H
L
H
H
H
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVC11xx


Similar Part No. - CDCLVC1106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC1106 TI-CDCLVC1106 Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1106 TI-CDCLVC1106 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1106PW TI-CDCLVC1106PW Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1106PWR TI-CDCLVC1106PWR Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
More results

Similar Description - CDCLVC1106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI1-LMK1C1102 Datasheet
1Mb / 21P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102_V01 Datasheet
1Mb / 26P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102 Datasheet
1Mb / 26P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
REVISED FEBRUARY 2022
LMK1C1104 TI1-LMK1C1104 Datasheet
1Mb / 20P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com