Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN302P Datasheet(PDF) 1 Page - Texas Instruments

Part # FDN302P
Description  Contains all support circuitry needed for the ADS1148/ADS1248
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDN302P Datasheet(HTML) 1 Page - Texas Instruments

  FDN302P Datasheet HTML 1Page - Texas Instruments FDN302P Datasheet HTML 2Page - Texas Instruments FDN302P Datasheet HTML 3Page - Texas Instruments FDN302P Datasheet HTML 4Page - Texas Instruments FDN302P Datasheet HTML 5Page - Texas Instruments FDN302P Datasheet HTML 6Page - Texas Instruments FDN302P Datasheet HTML 7Page - Texas Instruments FDN302P Datasheet HTML 8Page - Texas Instruments FDN302P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
User
's Guide
SBAU142B
– April 2009 – Revised May 2011
ADS1148EVM, ADS1248EVM, ADS1148EVM-PDK, and
ADS1248EVM-PDK
ADS1248EVM (Left) and ADS1248EVM-PDK (Right)
This user's guide describes the characteristics, operation, and use of the ADS1148EVM and
ADS1248EVM, both by themselves and as part of the ADS1148EVM-PDK or ADS1248EVM-PDK. These
evaluation modules (EVMs) are evaluation boards for the ADS1248, a 24-bit, multi-channel, delta-sigma
analog-to-digital converter (ADC), and the ADS1148, a 16-bit version of the ADS1248. This EVM allows
evaluation of all aspects of the ADS1148 or ADS1248 devices. Complete circuit descriptions, schematic
diagrams, and bills of material are included in this document.
The following related documents are available for download through the Texas Instruments web site at
http://www.ti.com.
EVM-Compatible Device Data Sheets
Device
Literature Number
ADS1148
SBAS453
ADS1248
SBAS426A
REF5020
SBOS410D
OPA227
SBOS110A
TPS3836L30
SLVS292D
TPS79225
SLVS337B
TPS72325
SLVS346B
SN74LVC2G157
SCES207K
PCA9535
SCPS129I
ADCPro is a trademark of Texas Instruments.
Microsoft, Windows are registered trademarks of Microsoft Corporation.
I
2C is a trademark of NXP Semiconductors.
All other trademarks are the property of their respective owners.
1
SBAU142B
– April 2009 – Revised May 2011
ADS1148EVM, ADS1248EVM, ADS1148EVM-PDK, and ADS1248EVM-PDK
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - FDN302P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Texas Instruments
FDN302P TI1-FDN302P Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
logo
TECH PUBLIC Electronics...
FDN302P TECHPUBLIC-FDN302P Datasheet
11Mb / 6P
   P-Channel Enhancement-Mode MOS FETs
logo
Guangdong Youtai Semico...
FDN302P UMW-FDN302P Datasheet
309Kb / 5P
   P-Channel 2.5 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
FDN302P-NL VBSEMI-FDN302P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - FDN302P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS79XXEVM TI1-ADS79XXEVM Datasheet
1Mb / 32P
[Old version datasheet]   Contains all support circuitry needed
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
PHOENIX CONTACT
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
   The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com