Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7801M-1000 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # K7801M-1000
Description  WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K7801M-1000 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  K7801M-1000 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K7801M-1000 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K7801M-1000 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. K7801M-1000 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
K78XXM-1000
A/4 -2011
Page 3 of 4
OUTPUT RIPPLE REDUCTION
3
+Vin
GND
+Vout
1
DC/DC
Converter
C1
22F
μ
2
C2
L
To reduce output ripple, it is recommended to add a LC filter in output port.
L: Recommended parameter 10
μH ~ 47μH.
(figure 5)
CHARACTERISTICS
Efficiency
Ripple
Efficiency VS Vin(Full Load)
0
10
20
30
40
50
60
70
80
90
100
4.75 5
6 6.5 7.2 8
9
10 12 15 18 20 Vin(V)
Efficiency
(%)
K7801M-1000
K78X2M-1000
K7802M-1000
K7803M-1000
K7805M-1000
Ripple VS Vin(Full Load)
0
5
10
15
20
25
30
4.75 5
6 6.5 7.2 8
9
10 12 15 18 20
Vin(V)
Ripple(mV)
K7801M-1000
K78X2M-1000
K7802M-1000
K7803M-1000
K7805M-1000
Efficiency VS Load(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
100 200 300 400 500 600 700 800 900 1000
Load(mA)
Efficiency
(%)
K7801M-1000
K78X2M-1000
K7802M-1000
K7803M-1000
K7805M-1000
Ripple VS Load(Vin=Vin-nominal)
0
5
10
15
20
25
30
100 200 300 400 500 600 700 800 900 1000 Load(mA)
Ripple(mV)
K7801M-1000
K78X2M-1000
K7802M-1000
K7803M-1000
K7805M-1000


Similar Part No. - K7801M-1000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
K7801-1000 CRYSTEKCRYSTAL-K7801-1000 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7801-1000 MORNSUN-K7801-1000 Datasheet
626Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED
K7801-1500 MORNSUN-K7801-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-2000 MORNSUN-K7801-2000 Datasheet
333Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
More results

Similar Description - K7801M-1000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
TP78L1.5 TOPPOWER-TP78L1.5 Datasheet
299Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
   Wide Input Non-Isolated & Regulated, Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com