Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K78X6-2000 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # K78X6-2000
Description  WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K78X6-2000 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  K78X6-2000 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K78X6-2000 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K78X6-2000 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. K78X6-2000 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
K78XX-2000(L)
A/2 -2011
Page 4 of 4
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
1
3
2
+Vin
GND
+Vout
FOO TP RINT DE TAILS
Note:
Unit:mm[inch]
Pin section tolerances : 0.10mm[ 0.004inch]
General tolerances: 0.25mm[ 0.010inch]
Note:
Unit :mm[inch]
General tolerances:
0.50mm[
0.020inch]
L=530mm[20.866inch] Devices per tube quantity: 44pcs
L=220mm[8.661inch]
Devices per tube quantity: 17pcs
Short tube inner packaging dimensions: L*W*H=255*170*80mm
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm
Long tube inner packaging dimensions: L*W*H=580*200*100mm
Long tube outer packaging dimensions(with two inner packaging boxes):
L*W*H=600*215*220mm
Long tube outer packaging dimensions(with three inner packaging boxes):
L*W*H=600*215*325mm
Pin
Function
11.20 [0.441]
6.20 [0.244]
K78XX-2000L
11.60 [0.457]
11.20 [0.441]
16.20 [0.638]
K78XX-2000
K78XX-2000L
K78XX-2000
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
(Bott om View)
5.08[0.200]
4.10[0.161]
17.50
[0.689]
11.50
[0.453]
0.50[0.020]
123
9.00
[0.354]
4.10[0.161]
Ф1.00[Ф0.039]
5.08[0.200]
11.50
[0.453]
1 23
Note:
grid:2.54*2.54mm.
K78XX-2000
1.35[0.053]
Ф1.00[Ф0.039]
17.50[0.689]
K78XX-2000L
(Botto m Vi ew)
Note:
Unit:mm[inch]
Pin sec tion tolerances: 0.10mm[ 0.004inch]
General tolerances : 0.25mm[ 0.010inch]
Note:
1. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. Only typical models listed, other models may be different, please contact our technical person for more details.
3. In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - K78X6-2000

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
K78X6-2000 REICU-K78X6-2000 Datasheet
72Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
logo
MORNSUN Science& Techno...
K78X6-2000(L) MORNSUN-K78X6-2000(L) Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
Guangzhou Reicu Electro...
K78X6-2000L REICU-K78X6-2000L Datasheet
72Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
More results

Similar Description - K78X6-2000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
TP78L1.5 TOPPOWER-TP78L1.5 Datasheet
299Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
   Wide Input Non-Isolated & Regulated, Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com