Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K78X6T-1000 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # K78X6T-1000
Description  WIDE INPUT, NON-ISOLATED & REGULATED SMD PACKAGE SINGLE OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K78X6T-1000 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  K78X6T-1000 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K78X6T-1000 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K78X6T-1000 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. K78X6T-1000 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. K78X6T-1000 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
K78XXT-1000
A/0-2011
Page 2 of 5
COMMON SPECIFICATIONS
TYPICAL TEMPERATURE CURVE
Item
Test Conditions
Min.
Typ.
Max.
Units
Case Material
Plastic (UL94-V0)
MTBF
(MIL-HDBK-217F,+25
°C)
1000
k hours
Hop swap
Not supported
Thermal resistance
90
℃/W
Weight
2.3
g
EMC SPECIFICATIONS
EN55022, CLASS A(without external circuit)
CE
EN55022, CLASS B(refer to Figure 4)
RE
EN55022, CLASS A(refer to Figure 5)
ESD
IEC/EN61000-4-2
Air
±8KV / Contact ±6KV perf. Criteria B
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B
Surge
IEC/EN61000-4-5
±2KV
perf. Criteria B(refer to Figure 4)
TYPICAL APPLICATION CIRCUIT
0
20
40
60
80
100
120
-40
0
40
85
120
Operating Temp.()
°C
71
Safe Operating Area
Temperature Derating Graph
(Figure2)
RECOMMENDED REFLOW SOLDERING PROFILE
K7805T-1000
1
7,9
5
Vin
G ND
Vout
C2
C1
6
10
ON/OFF
R1
R2
G ND
4 70 pF
C4
(Figure 1)
1. C1, C2 is required for best performance and should be fitted close to the converter
pins.
2. The capacitance of C1, C2 sees external capacitor table, it can be increased properly if
required, and tantalum or low ESR electrolytic capacitors may also suffice.
3. No parallel connection or plug and play.
EXTERNAL CAPACITOR TABLE
Part
Number
C1
(Ceramic
Capacitor)
C2
(Ceramic
Capacitor)
K7803T-1000
10
μF/25V
22
μF/16V
K7805T-1000
10
μF/25V
22
μF/16V
(Figure 3)
ADJUSTMENT RESISTOR VALUES
The R1, R2 in the above table are used to set the output voltage. If no need to adjust the output voltage, connect a ceramic capacitor to
GND with 470pF typical value for increase immunity. Insure the output voltage is in the adjust range or else may cause permanent damage to the
device. Fine-tune output voltage must appease Vin-Vo>2V.
Part Number
K7803T-1000
K7805T-1000
Vo (nominal)
3.3(V)
5.0(V)
Vadj(V)
R1(K
Ω)
R2(K
Ω)
R1(K
Ω)
R2(K
Ω)
1.8
15.4
-
-
-
2.5
87
-
9.7
-
3.0
339
-
30.5
-
3.3
-
-
48.8
-
3.6
-
121
75
-
3.9
-
51.0
115
-
4.5
-
16.6
338
-
4.9
-
8.0
1835
-
5.0
-
6.5
-
-
5.1
-
5.2
-
426
5.5
-
1.1
-
58.7
6.0
-
-
-
16.9
6.5
-
-
-
3.2
0
50
1 00
1 50
2 00
2 50
Tim e (sec .)
9 0
M ax
(> 22 0 C)
S e c
22 0 C
10
M ax
Se c
P ea k .Te m p 24 0 C


Similar Part No. - K78X6T-1000

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78X6T-1000 MORNSUN-K78X6T-1000 Datasheet
509Kb / 6P
   SMD PACKAGE SINGLE OUTPUT
K78X6T-1000R3 MORNSUN-K78X6T-1000R3 Datasheet
774Kb / 5P
   Wide input voltage Non-isolated and Regulated Single Output
More results

Similar Description - K78X6T-1000

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LMT78 GAPTEC-LMT78 Datasheet
1Mb / 5P
   Wide input, non-isolated & regulated, single output, SMD package
logo
MORNSUN Science& Techno...
K7805T-500 MORNSUN-K7805T-500 Datasheet
467Kb / 5P
   WIDE INPUT, NON-ISOLATED & REGULATED SMD PACKAGE SINGLE OUTPUT
logo
GAPTEC Electronic GmbH ...
LMTOW78 GAPTEC-LMTOW78 Datasheet
956Kb / 4P
   Wide input, non-isolated & regulated, single output, SMD package
LMT78-1.0R GAPTEC-LMT78-1.0R Datasheet
2Mb / 5P
   Wide input, non-isolated & regulated, single output, SMD package
LMTO78 GAPTEC-LMTO78 Datasheet
1Mb / 4P
   Wide input, non-isolated & regulated, single output, SMD package
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com