Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCV304PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV304PWR
Description  200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV304PWR Datasheet(HTML) 1 Page - Texas Instruments

  CDCV304PWR Datasheet HTML 1Page - Texas Instruments CDCV304PWR Datasheet HTML 2Page - Texas Instruments CDCV304PWR Datasheet HTML 3Page - Texas Instruments CDCV304PWR Datasheet HTML 4Page - Texas Instruments CDCV304PWR Datasheet HTML 5Page - Texas Instruments CDCV304PWR Datasheet HTML 6Page - Texas Instruments CDCV304PWR Datasheet HTML 7Page - Texas Instruments CDCV304PWR Datasheet HTML 8Page - Texas Instruments CDCV304PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
2
3
4
8
7
6
5
CLKIN
OE
1Y0
GND
1Y3
1Y2
VDD
1Y1
TSSOP
PW PACKAGE
(TOP VIEW)
3
5
7
8
1Y0
1Y1
1Y2
1Y3
Logic
Control
2
1
OE
CLKIN
CDCV304
www.ti.com
SCAS643H
– SEPTEMBER 2000 – REVISED FEBRUARY 2011
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
Check for Samples: CDCV304
1
FEATURES
PCI-X Compliant
General-Purpose and PCI-X 1:4 Clock Buffer
8-Pin TSSOP Package
Operating Frequency
– 0 MHz to 200 MHz General-Purpose
Low Output Skew:
<100 ps
Distributes One Clock Input to One Bank of
Four Outputs
Output Enable Control that Drives Outputs
Low when OE is Low
Operates from Single 3.3-V Supply or 2.5-V
Supply
DESCRIPTION
The CDCV304 is a high-performance, low-skew, general-purpose PCI-X compliant clock buffer. It distributes one
input clock signal (CLKIN) to the output clocks (1Y[0:3]). It is specifically designed for use with PCI-X
applications. The CDCV304 operates at 3.3 V and 2.5 V and is therefore compliant to the 3.3-V PCI-X
specifications.
The CDCV304 is characterized for operation from
–40°C to 85°C for automotive and industrial applications.
FUNCTIONAL BLOCK DIAGRAM
Table 1. FUNCTION TABLE
INPUTS
OUTPUTS
CLKIN
OE
1Y[0:3]
L
L
L
H
L
L
L
H
L
H
H
H
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
© 2000–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCV304PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV304PWR TI-CDCV304PWR Datasheet
293Kb / 12P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304PWRG4 TI-CDCV304PWRG4 Datasheet
293Kb / 12P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
More results

Similar Description - CDCV304PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV304-EP TI1-CDCV304-EP_18 Datasheet
950Kb / 15P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304 TI-CDCV304_09 Datasheet
293Kb / 12P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
   140 MHz PCI-X clock buffer
2001 May 09
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com