Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8680601V2A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8680601V2A
Description  RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8680601V2A Datasheet(HTML) 1 Page - Texas Instruments

  5962-8680601V2A Datasheet HTML 1Page - Texas Instruments 5962-8680601V2A Datasheet HTML 2Page - Texas Instruments 5962-8680601V2A Datasheet HTML 3Page - Texas Instruments 5962-8680601V2A Datasheet HTML 4Page - Texas Instruments 5962-8680601V2A Datasheet HTML 5Page - Texas Instruments 5962-8680601V2A Datasheet HTML 6Page - Texas Instruments 5962-8680601V2A Datasheet HTML 7Page - Texas Instruments 5962-8680601V2A Datasheet HTML 8Page - Texas Instruments 5962-8680601V2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
B Out
V
C
NC
Gnd
A Out
C/S–
C/S+
NC
E/A+
E/A–
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C/L SS
C/S–
C/S+
E/A+
E/A–
Comp
C
T
Shutdown
V
IN
B Out
V
C
Gnd
A Out
Sync
R
T
V
REF
UC1846-SP
www.ti.com
SLUS871B
– JANUARY 2009 – REVISED OCTOBER 2011
RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
Check for Samples: UC1846-SP
1
FEATURES
FK PACKAGE
QML-V Qualified, SMD 5962-86806
(TOP VIEW)
Rad-Tolerant: 30 kRad (Si) TID (1)
Automatic Feed-Forward Compensation
Programmable Pulse-by-Pulse Current
Limiting
Automatic Symmetry Correction in Push-Pull
Configuration
Enhanced Load Response Characteristics
Parallel-Operation Capability for Modular
Power Systems
Differential Current-Sense Amplifier With Wide
Common-Mode Range
Double-Pulse Suppression
500-mA (Peak) Totem-pole Outputs
±1% Bandgap Reference
Undervoltage Lockout
J OR W PACKAGE
(TOP VIEW)
Soft-Start Capability
Shutdown Terminal
500-kHz Operation
(1)
Radiation tolerance is a typical value based upon initial device
qualification with dose rate = 10 mrad/sec. Radiation Lot
Acceptance Testing is available - contact factory for details.
DESCRIPTION
The UC1846 control devices provide all of the necessary features to implement fixed frequency, current mode
control schemes while maintaining a minimum external parts count. The superior performance of this technique
can be measured in improved line regulation, enhanced load response characteristics, and a simpler,
easier-to-design control loop. Topological advantages include inherent pulse-by-pulse current limiting capability,
automatic symmetry correction for push-pull converters, and the ability to parallel
“power modules" while
maintaining equal current sharing.
Protection circuitry includes built-in under-voltage lockout and programmable current limit in addition to soft start
capability. A shutdown function is also available which can initiate either a complete shutdown with automatic
restart or latch the supply off.
Other features include fully latched operation, double-pulse suppression, deadline adjust capability, a
±1%
trimmed bandgap reference, and low outputs in the OFF state.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 5962-8680601V2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8680601V2A TI-5962-8680601V2A Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
5962-8680601V2A TI1-5962-8680601V2A Datasheet
630Kb / 29P
[Old version datasheet]   Current-Mode PWM Controller
5962-8680601V2A TI1-5962-8680601V2A Datasheet
644Kb / 29P
[Old version datasheet]   Class-V, Radiation Hardened PWM Controller
More results

Similar Description - 5962-8680601V2A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1843 STMICROELECTRONICS-ST1843 Datasheet
516Kb / 25P
   Rad-tolerant current mode PWM controller
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825-SP TI-UC1825-SP_15 Datasheet
264Kb / 18P
[Old version datasheet]   RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com