Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8670406VXA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8670406VXA
Description  QML CLASS V, CURRENT-MODE PWM CONTROLLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8670406VXA Datasheet(HTML) 3 Page - Texas Instruments

  5962-8670406VXA Datasheet HTML 1Page - Texas Instruments 5962-8670406VXA Datasheet HTML 2Page - Texas Instruments 5962-8670406VXA Datasheet HTML 3Page - Texas Instruments 5962-8670406VXA Datasheet HTML 4Page - Texas Instruments 5962-8670406VXA Datasheet HTML 5Page - Texas Instruments 5962-8670406VXA Datasheet HTML 6Page - Texas Instruments 5962-8670406VXA Datasheet HTML 7Page - Texas Instruments 5962-8670406VXA Datasheet HTML 8Page - Texas Instruments 5962-8670406VXA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
UC1842A-SP, UC1843A-SP, UC1844A-SP, UC1845A-SP
www.ti.com........................................................................................................................................................ SLUS872A – JANUARY 2009 – REVISED MAY 2009
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage, low-impedance source
30 V
Supply current
Self limiting
IO
Output current
±1 A
Output energy (capacitive load)
5
µJ
VI
Input voltage (VFB, ISENSE)
–0.3 V to 6.3 V
Error amplifier output sink current
10 mA
PD
Power dissipation (TA = 25°C)
1 W
Tstg
Storage temperature range
–65°C to 150°C
Tlead
Lead temperature (soldering, 10 seconds)
300°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground. Currents are positive into, negative out of the specified terminal.
over operating free-air temperature range (TA = TJ = –55°C to 125°C), unless otherwise noted.
MIN
MAX
UNIT
VCC
Supply voltage
12
25
V
Sink/source output current (continuous or time average)
0
200
mA
Reference load current
0
20
mA
VCC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, TA = TJ = –55°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Section
Output voltage
TJ = 25°C, IO = 1 mA
4.95
5
5.06
V
Line regulation
VIN = 12 V to 25 V
6
20
mV
Load regulation
IO = 1 mA to 20 mA
6
25
mV
Temperature stability(2)(3)
0.2
0.4
mV/°C
Total output variation
Over line, load, and temperature
4.9
5.1
V
Output noise voltage
10 Hz
≤ f ≤ 10 kHz, TJ = 25°C
50
µV
Long term stability
1000 hours, TA = 125°C
(2)
5
25
mV
Short-circuit output current
–30
–100
–180
mA
Oscillator Section
Initial accuracy
TJ = 25°C
(4)
47
52
57
kHz
Voltage stability
VCC = 12 V to 25 V
0.2
1
%
Temperature stability
TA = MIN to MAX
(2)
5
%
Amplitude peak-to-peak
V pin 4(2)
1.7
V
TJ = 25°C
7.8
8.3
8.8
Discharge current
V pin 4 = 2 V(5)
mA
TJ = Full range
7.5
8.8
(1)
Adjust VCC above the start threshold before setting at 15 V.
(2)
Parameters ensured by design and/or characterization, if not production tested.
(3)
Temperature stability, sometimes referred to as average temperature coefficient, is described by the equation:
Temp Stability = VREF (max) - VREF (min)/TJ (max) - TJ (min). VREF (max) and VREF (min) are the maximum and minimum reference
voltage measured over the appropriate temperature range. Note that the extremes in voltage do not necessarily occur at the extremes in
temperature.
(4)
Output frequency equals ocscillator frequency for the UC1842A and UC1843A. Output frequency is one half oscillator frequency for
UC18444A and UC1845A.
(5)
This parameter is measured with RT = 10 kΩ to VREF. This contributes approximately 300 µA of current to the measurement. The total
current flowing into the RT/CT pin will be approximately 300 µA higher than the measured value.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC1842A-SP UC1843A-SP UC1844A-SP UC1845A-SP


Similar Part No. - 5962-8670406VXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8670406VXA TI-5962-8670406VXA Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
5962-8670406VXA TI-5962-8670406VXA Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
5962-8670406VXA TI1-5962-8670406VXA Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
5962-8670406VXA TI1-5962-8670406VXA Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
More results

Similar Description - 5962-8670406VXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com