Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9455501V3A Datasheet(PDF) 7 Page - Texas Instruments

Part # 5962-9455501V3A
Description  RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9455501V3A Datasheet(HTML) 7 Page - Texas Instruments

Back Button 5962-9455501V3A Datasheet HTML 3Page - Texas Instruments 5962-9455501V3A Datasheet HTML 4Page - Texas Instruments 5962-9455501V3A Datasheet HTML 5Page - Texas Instruments 5962-9455501V3A Datasheet HTML 6Page - Texas Instruments 5962-9455501V3A Datasheet HTML 7Page - Texas Instruments 5962-9455501V3A Datasheet HTML 8Page - Texas Instruments 5962-9455501V3A Datasheet HTML 9Page - Texas Instruments 5962-9455501V3A Datasheet HTML 10Page - Texas Instruments 5962-9455501V3A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
(RAMP)
(SLOPE)
dV
Sense Voltage
=
dT
R
x C
UC1875-SP
www.ti.com
SLUSAQ9
– DECEMBER 2011
PIN DESCRIPTIONS
CLKSYNC (bi-directional clock and synchronization pin): Used as an output, this pin provides a clock signal. As
an input, this pin provides a synchronization point. In its simplest usage, multiple devices, each with their own
local oscillator frequency, may be connected together by the CLOCKSYNC pin and will synchronize on the
fastest oscillator. This pin may also be used to synchronize the device to an external clock, provided the external
signal is of higher frequency than the local oscillator. A resistor load may be needed on this pin to minimize the
clock pulse width.
E/AOUT (Error Amplifier Output): This is is the gain stage for overall feedback control. Error amplifier output
voltage levels below 1 volt will force 0
° phase shift. Since the error amplifier has a relatively low current drive
capability, the output may be overridden by driving with a sufficiently low impedance source.
CS+ (Current Sense): The non-inverting input to the current-fault comparator whose reference is set internally to
a fixed 2.5 V (separate from VREF). When the voltage at this pin exceeds 2.5 V the current-fault latch is set, the
outputs are forced OFF and a SOFT-START cycle is initiated. If a constant voltage above 2.5 V is applied to this
pin the outputs are disabled from switching and held in a low state until the CS+ pin is brought below 2.5 V. The
outputs may begin switching at 0 degrees phase shift before the SOFTSTART pin begins to rise -- this condition
will not prematurely deliver power to the load.
FREQSET (Oscillator Frequency Set pin): A resistor and a capacitor from FREQSET to GND will set the
oscillator frequency.
DELSETA-B, DELSETC-D (Output Delay Control): The user programmed current flowing from these pins to
GND set the turn-on delay for the corresponding output pair. This delay is introduced between turn-off of one
switch and turn-on of another in the same leg of the bridge to provide a dead time in which the resonant
switching of the external power switches takes place. Separate delays are provided for the two half-bridges to
accommodate differences in the resonant capacitor charging currents.
EA
– (Error Amplifier Inverting Input): This is normally connected to the voltage divider resistors which sense the
power supply output voltage level.
EA+ (Error Amplifier Non-Inverting Input): This is normally connected to a reference voltage used for comparison
with the sensed power supply output voltage level at the EA+ pin.
GND (Signal Ground): All voltages are measured with respect to GND. The timing capacitor, on the FREQSET
pin, any bypass capacitor on the VREF pin, bypass capacitors on VIN and the ramp capacitor, on the RAMP pin,
should be connected directly to the ground plane near the signal ground pin.
OUTA
– OUTD (Outputs A-D): The outputs are 2 A totem-pole drivers optimized for both MOSFET gates and
level-shifting transformers. The outputs operate as pairs with a nominal 50% duty-cycle. The A-B pair is intended
to drive one half-bridge in the external power stage and is syncronized with the clock waveform. The C-D pair will
drive the other half-bridge with switching phase shifted with respect to the A-B outputs.
PWRGND (Power Ground): VC should be bypassed with a ceramic capacitor from the VC pin to the section of
the ground plane that is connected to PWRGND. Any required bulk reservoir capacitor should parallel this one.
Power ground and signal ground may be joined at a single point to optimize noise rejection and minimize DC
drops.
RAMP (Voltage Ramp): This pin is the input to the PWM comparator. Connect a capacitor from here to GND. A
voltage ramp is developed at this pin with a slope:
Current mode control may be achieved with a minimum amount of external circuitry, in which case this pin
provides slope compensation.
Because of the 1.3 V offset between the ramp input and the PWM comparator, the error amplifier output voltage
can not exceed the effective ramp peak voltage and duty cycle clamping is easily achievable with appropriate
values of R(SLOPE) and C(RAMP).
SLOPE (Set Ramp Slope/Slope Compensation): A resistor from this pin to VCC will set the current used to
generate the ramp. Connecting this resistor to the DC input line voltage will provide voltage feed-forward.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): UC1875-SP


Similar Part No. - 5962-9455501V3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9455501V3A TI-5962-9455501V3A Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
More results

Similar Description - 5962-9455501V3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com