Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU90005GWZ Datasheet(PDF) 2 Page - Rohm

Part # BU90005GWZ
Description  Step-down Switching regulators with Built-in Power MOSFET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU90005GWZ Datasheet(HTML) 2 Page - Rohm

  BU90005GWZ Datasheet HTML 1Page - Rohm BU90005GWZ Datasheet HTML 2Page - Rohm BU90005GWZ Datasheet HTML 3Page - Rohm BU90005GWZ Datasheet HTML 4Page - Rohm BU90005GWZ Datasheet HTML 5Page - Rohm BU90005GWZ Datasheet HTML 6Page - Rohm BU90005GWZ Datasheet HTML 7Page - Rohm BU90005GWZ Datasheet HTML 8Page - Rohm BU90005GWZ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/21
Datasheet
BU9000xGWZ series
TSZ02201-0F2F0AG00010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
04.Jul.2012 Rev.001
www.rohm.co
m
TSZ22111・
・15・
・001
GND
LX
VIN
EN
+
-
SHUTDOWN
TSD
ERROR
COMP
FB
Frequency
control
UVLO
VREF
Switching
Control
Logic
and
Gate
Driver
MODE
PWM/PFM
control
B1
1.5~0.47uH
4.7uF
VOUT
2.3~5.5V
VOUT
H
: ON
L
: OFF
L
: PWM/PFM
MODE
H
: PWM
MODE
A1
B2
A3
A2
B3
EN
Block Diagram(s)
Description of Block(s)
The BU9000xGWZ are a synchronous step-down DC/DC converter that achieves fast transient response from light load to
heavy load by hysteretic PWM control system and current constant PFM control system.
PWM control
BU9000xGWZ operates by hysteretic PWM control. This scheme ensures fast switching, high efficiency, and fast transient
response.
When the output voltage is below the VREF voltage, the error comparator output is low to high and turning on P-channel
MOSFET until above the VREF voltage and minimum on time.
PFM control
At light load the regulator and MODE=low, the regulator operates with reduced switching frequency and improves the
efficiency.During PFM operation, the output voltage slightly higher than typical output voltage.
Figure 4. Operation of PFM mode and PWM mode
Figure 3. Block Diagram(s)
PFM
(constant
current)Threshold.
turn
off
Pch
FET
output
PWM
mode
voltage
PFM
Mode
at
Light
Load
PFM
Threshold.
turn
on
PFET
PWM
Mode
at
Moderate
to
Heavy
Loads


Similar Part No. - BU90005GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90005GWZ ROHM-BU90005GWZ Datasheet
1Mb / 14P
   Output 1.0A High-efficiency Step-down Switching regulators with Built-in Power MOSFET
BU90005GWZ ROHM-BU90005GWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
More results

Similar Description - BU90005GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90104GWZ ROHM-BU90104GWZ Datasheet
672Kb / 17P
   1.0A, Step-down Switching regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9701FP ROHM-BD9701FP_09 Datasheet
516Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9873CP-V5 ROHM-BD9873CP-V5 Datasheet
576Kb / 13P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9325FJ ROHM-BD9325FJ Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com