Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST29SF020-70-4C-WH Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST29SF020-70-4C-WH
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF020-70-4C-WH Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST29SF020-70-4C-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29SF020-70-4C-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29SF020-70-4C-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29SF020-70-4C-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29SF020-70-4C-WH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29SF020-70-4C-WH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29SF020-70-4C-WH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29SF020-70-4C-WH Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29SF020-70-4C-WH Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Preliminary Specifications
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Small-Sector Flash
SST29SF512 / SST29SF010 / SST29SF020 / SST29SF040
SST29VF512 / SST29VF010 / SST29VF020 / SST29VF040
©2001 Silicon Storage Technology, Inc.
S71160-05-000
5/01
505
AC CHARACTERISTICS
TABLE 10: READ CYCLE TIMING PARAMETERS
VDD = 5V±10% FOR SST29SFXXX AND 2.7-3.6V FOR SST29VFXXX
Symbol
Parameter
SST29SF/VFxxx-55
SST29SF/VFxxx-70
Units
Min
Max
Min
Max
TRC
Read Cycle Time
55
70
ns
TCE
Chip Enable Access Time
55
70
ns
TAA
Address Access Time
55
70
ns
TOE
Output Enable Access Time
30
35
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
20
25
ns
TOHZ1
OE# High to High-Z Output
20
25
ns
TOH1
Output Hold from Address Change
00
ns
T10.5 505
TABLE 11: PROGRAM/ERASE CYCLE TIMING PARAMETERS
VDD = 5V±10%V FOR SST29SFXXX AND 2.7-3.6V FOR SST29VFXXX
Symbol
Parameter
Min
Max
Units
TBP
Byte-Program Time
20
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
30
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TCP
CE# Pulse Width
40
ns
TWP
WE# Pulse Width
40
ns
TWPH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
WE# Pulse Width High
30
ns
TCPH1
CE# Pulse Width High
30
ns
TDS
Data Setup Time
40
ns
TDH1
Data Hold Time
0
ns
TIDA1
Software ID Access and Exit Time
150
ns
TSE
Sector-Erase
25
ms
TSCE
Chip-Erase
100
ms
T11.6 505


Similar Part No. - SST29SF020-70-4C-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29SF020-55-4C-NHE SST-SST29SF020-55-4C-NHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF020-55-4C-WHE SST-SST29SF020-55-4C-WHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF020-55-4I-NHE SST-SST29SF020-55-4I-NHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF020-55-4I-WHE SST-SST29SF020-55-4I-WHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results

Similar Description - SST29SF020-70-4C-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF020 SST-SST29SF020_06 Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST29SF040 SST-SST29SF040 Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com