Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKL25A64TPPCCC(R) Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MKL25A64TPPCCC(R)
Description  KL24/KL25 Product Brief
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL25A64TPPCCC(R) Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MKL25A64TPPCCC(R) Datasheet HTML 1Page - Freescale Semiconductor, Inc MKL25A64TPPCCC(R) Datasheet HTML 2Page - Freescale Semiconductor, Inc MKL25A64TPPCCC(R) Datasheet HTML 3Page - Freescale Semiconductor, Inc MKL25A64TPPCCC(R) Datasheet HTML 4Page - Freescale Semiconductor, Inc MKL25A64TPPCCC(R) Datasheet HTML 5Page - Freescale Semiconductor, Inc MKL25A64TPPCCC(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL25A64TPPCCC(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL25A64TPPCCC(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL25A64TPPCCC(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Kinetis L series MCU families combine the latest low-power innovations with precision mixed-signal capability and a broad
range of communication, connectivity, and human-machine interface peripherals. Each MCU family is supported by a
market-leading enablement bundle from Freescale and numerous ARM 3rd party ecosystem partners. The KL0x family is the
entry-point to the Kinetis L series and is compatible with the 8-bit S08PT family. The KL1x/2x/3x/4x families are compatible
with each other and their equivalent ARM Cortex-M4 Kinetis K series families - K10/20/30/40.
KL2x Family
KL1x Family
KL0x Family
KL3x Family
Family
Program
Flash
Packages
Key Features
Low power
Mixed signal
USB
Segment LCD
KL4x Family
8-32KB
32-256KB
32-256KB
64-256KB
128-256KB
16-48pin
32-80pin
32-121pin
64-121pin
64-121pin
Figure 1. Kinetis L series families of MCU portfolio
All Kinetis L series families include a powerful array of analog, communication and timing and control peripherals with the
level of feature integration increasing with flash memory size and the pin count. Features within the Kinetis L series families
include:
• Core and Architecture:
• ARM Cortex-M0+ Core delivering 1.77 CoreMark/MHz from single-cycle access memories
• Single-cycle access to I/O and critical peripherals: Up to 50 percent faster than standard I/O, improves
reaction time to external events allowing bit banging and software protocol emulation
• Two-stage pipeline: Reduced number of cycles per instruction (CPI), enabling faster branch instruction and
ISR entry
• Excellent code density vs. 8-bit and 16-bit MCUs - reduces flash size, system cost and power consumption
• Optimized access to program memory: Accesses on alternate cycles reduces power consumption
• 100 percent compatible with ARM Cortex-M0 and a subset ARM Cortex-M3/M4: Reuse existing
compilers and debug tools
• Simplified architecture: 56 instructions and 17 registers enables easy programming and efficient packaging
of 8/16/32-bit data in memory
• Linear 4 GB address space removes the need for paging/banking, reducing software complexity
• ARM third-party ecosystem support: Software and tools to help minimize development time/cost
• Micro Trace Buffer: Lightweight trace solution allows fast bug identification and correction
• BME: Bit manipulation engine reduces code size and cycles for bit oriented operations to peripheral registers
eliminating traditional methods where the core would need to perform read-modify-write instructions.
• Up to 4-channel DMA for peripheral and memory servicing with minimal CPU intervention
• Broad range of performance levels with CPU frequencies up to 48 MHz
• Ultra low-power:
• Next-generation 32-bit ARM Cortex M0+ core: 2x more CoreMark/mA than the closest 8/16-bit architecture
Kinetis L Series
KL24/KL25 Product Brief, Rev. 2, 6/2012
2
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - MKL25A64TPPCCC(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL25Z128VFM4 FREESCALE-MKL25Z128VFM4 Datasheet
1Mb / 53P
   Part numbers for the chip have fields that identify the specific part.
logo
NXP Semiconductors
MKL25Z128VFM4 NXP-MKL25Z128VFM4 Datasheet
1Mb / 59P
   Kinetis KL25 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
MKL25Z128VFT4 FREESCALE-MKL25Z128VFT4 Datasheet
1Mb / 53P
   Part numbers for the chip have fields that identify the specific part.
logo
NXP Semiconductors
MKL25Z128VFT4 NXP-MKL25Z128VFT4 Datasheet
1Mb / 59P
   Kinetis KL25 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
MKL25Z128VLH4 FREESCALE-MKL25Z128VLH4 Datasheet
1Mb / 53P
   Part numbers for the chip have fields that identify the specific part.
More results

Similar Description - MKL25A64TPPCCC(R)

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com