Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

284TAER102B25AT Datasheet(PDF) 1 Page - CTS Corporation

Part # 284TAER102B25AT
Description  Precision Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

284TAER102B25AT Datasheet(HTML) 1 Page - CTS Corporation

  284TAER102B25AT Datasheet HTML 1Page - CTS Corporation 284TAER102B25AT Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial
16mm Size Slim
Conductive Plastic
Precision Rotary Sensor
Features
Series 284
1 - 2
© 2012 CTS Corporation. All rights reserved. Information subject to change.
02/16/12
CTS Electrocomponents
www.ctscorp.com
Data Sheet
Precision Potentiometer
®
Electrocomponents
Electrical and Mechanical Specifications
Resistance Range
1 K through 500 K ohms, linear
Resistance Tolerance
Power Rating
0.25 watts @ 55°C
Maximum Operating Voltage
350 VDC
Rotation Angle
Rotational Torque
Stop Strength
9 kgf-cm minimum
Mounting Information
Insulation Resistance
Dielectric Strength
500 VDC for 1 minute
Push-Pull Strength of Shaft
Rotational life
Temperature
Solder Heat Resistance
Linearity
Ingress Protection Rating
Vibration
100 Megohms minimum @ 100 VDC
Total Rotational Angle : 250°
Effective Electrical Angle : 60°, 220°
IP40 : 3~30 gf-cm
IP54 & IP67 : 20~120 gf-cm
± 10%, ± 20%
13.6 kg for 10 seconds
Bushing Mount
± 2%
Operating : -40°C - 125°C
Storage : -55°C - 150°C
350°C for 5 seconds
IP40, IP54, IP67
15G, 10 to 2000 Hz
3M Cycles (60° Effective Electrical Angle)
2M Cycles (220° Effective Electrical Angle)
Up to 3 Million Life Cycles


Similar Part No. - 284TAER102B25AT

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
   Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
More results

Similar Description - 284TAER102B25AT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
   Precision Potentiometer
3400 BOURNS-3400_13 Datasheet
195Kb / 2P
   Precision Potentiometer
3548H BOURNS-3548H Datasheet
289Kb / 4P
   Precision Potentiometer
3540 BOURNS-3540 Datasheet
211Kb / 2P
   Precision Potentiometer
6538S BOURNS-6538S Datasheet
61Kb / 4P
   Precision Potentiometer
6539 BOURNS-6539_13 Datasheet
223Kb / 2P
   Precision Potentiometer
6638 BOURNS-6638_08 Datasheet
185Kb / 1P
   Precision Potentiometer
6674 BOURNS-6674_11 Datasheet
181Kb / 2P
   Precision Potentiometer
3590S-2-L BOURNS-3590S-2-L Datasheet
254Kb / 4P
   Precision Potentiometer
3590 BOURNS-3590 Datasheet
241Kb / 1P
   Precision Potentiometer
logo
Bi technologies
5311 BITECH-5311 Datasheet
77Kb / 3P
   Precision Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com