Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKL24A256TPPCCC(R) Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MKL24A256TPPCCC(R)
Description  KL24/KL25 Product Brief
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL24A256TPPCCC(R) Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MKL24A256TPPCCC(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL24A256TPPCCC(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL24A256TPPCCC(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL24A256TPPCCC(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc MKL24A256TPPCCC(R) Datasheet HTML 10Page - Freescale Semiconductor, Inc MKL24A256TPPCCC(R) Datasheet HTML 11Page - Freescale Semiconductor, Inc MKL24A256TPPCCC(R) Datasheet HTML 12Page - Freescale Semiconductor, Inc MKL24A256TPPCCC(R) Datasheet HTML 13Page - Freescale Semiconductor, Inc MKL24A256TPPCCC(R) Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Table 3. KL24 48 MHz performance table (continued)
MC Partnumber
PIT (32bit)
1x2ch
1x2ch
1x2ch
1x2ch
1x2ch
1x2ch
1x2ch
1x2ch
Communication Interfaces
Low Power UART
1
1
1
1
1
1
1
1
UART
2
2
2
2
2
2
2
2
SPI chip selects per module
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
I2C
2
2
2
2
2
2
2
2
USB OTG LS/FS w/ on-chip xcvr
1
1
1
1
1
1
1
1
USB 120mAReg
YES
YES
YES
YES
YES
YES
YES
YES
Human-Machine Interface
Segment LCD
-
-
-
-
-
-
-
-
TSI (Capacitive Touch)
-
-
-
-
-
-
-
-
Total GPIOs
23
23
36
36
50
50
66
66
GPIOs w/ Interrupt
12
12
16
16
19
19
23
23
High Current GPIOs (18mA)
2
2
4
4
4
4
4
4
Operating Characteristics
Voltage Range
1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V
Flash Write V
1.71V
1.71V
1.71V
1.71V
1.71V
1.71V
1.71V
1.71V
Temp Range
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
4.4.2 KL25 Family Features (48 MHz Performance)
Table 4. KL25 48MHz performance table
MC Part number
General
CPU Frequency
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
Table continues on the next page...
Features
KL24/KL25 Product Brief, Rev. 2, 6/2012
10
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - MKL24A256TPPCCC(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL24Z32VFM4 FREESCALE-MKL24Z32VFM4 Datasheet
1Mb / 48P
   KL24 Sub-Family Data Sheet
logo
NXP Semiconductors
MKL24Z32VFM4 NXP-MKL24Z32VFM4 Datasheet
1Mb / 54P
   Kinetis KL24 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
MKL24Z32VFT4 FREESCALE-MKL24Z32VFT4 Datasheet
1Mb / 48P
   KL24 Sub-Family Data Sheet
logo
NXP Semiconductors
MKL24Z32VFT4 NXP-MKL24Z32VFT4 Datasheet
1Mb / 54P
   Kinetis KL24 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
MKL24Z32VLH4 FREESCALE-MKL24Z32VLH4 Datasheet
1Mb / 48P
   KL24 Sub-Family Data Sheet
More results

Similar Description - MKL24A256TPPCCC(R)

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com