Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SK165A-0 Datasheet(PDF) 3 Page - Sony Corporation

Part # 3SK165A-0
Description  GaAs N-channel Dual Gate MES FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

3SK165A-0 Datasheet(HTML) 3 Page - Sony Corporation

  3SK165A-0 Datasheet HTML 1Page - Sony Corporation 3SK165A-0 Datasheet HTML 2Page - Sony Corporation 3SK165A-0 Datasheet HTML 3Page - Sony Corporation 3SK165A-0 Datasheet HTML 4Page - Sony Corporation 3SK165A-0 Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
– 3 –
3SK165A
–2.0
–1.5
–1.0
–0.5
0
0
20
30
40
50
VG2S – Gate 2 to source voltage [V]
ID vs. VG2S
(VDS = 5V)
VG1S
= 0V
–0.4V
–0.6V
–1.0V
–1.2V
–1.4V
–0.2V
–0.8V
10
–2.0
–1.5
–1.0
–0.5
0
0
20
30
40
50
VG1S – Gate 1 to source voltage [V]
gm vs. VG1S
(VDS = 5V)
VG2S
= 1.5V
1.0V
0.5V
0V
–0.5V
10
–1.0V
0
0.8
1.6
2.2
0
1.0
1.5
2.5
3.0
f – Frequency [GHz]
NF, Ga vs. f
0.5
0.4
1.2
2.0
2.0
10
20
25
35
40
15
30
(VDS = 5V, VG2S = 1.5V, ID = 10mA)
Ga
NFmin
0.6
1.4
0.2
1.0
1.8
–2.0
–1.4
–1.0
–0.6
–0.2 0 0.2
0
2
3
4
6
VG1S – Gate 1 to source voltage [V]
NF vs. VG1S
(VDS = 5V, f = 800MHz)
1
–1.6
–1.2
–0.8
–0.4
5
–1.8
VG2S = 0.5V
1.0V
1.5V
0
10
15
25
30
VG1S – Gate 1 to source voltage [V]
Ga vs. VG1S
5
20
VG2S = 1.5V
1.0V
0.5V
(VDS = 5V, f = 800MHz)
–2.0
–1.4
–1.0
–0.6
–0.2 0 0.2
–1.6
–1.2
–0.8
–0.4
–1.8
0
4
8
12
16
20 22
0
1.0
1.5
2.5
3.0
ID – Drain current [mA]
NF, Ga vs. ID
(VDS = 5V, VG2S = 1.5V, f = 800MHz)
0.5
2
6
10
14
2.0
18
0
10
15
25
30
5
20
Ga
NF


Similar Part No. - 3SK165A-0

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
3SK166 SONY-3SK166 Datasheet
72Kb / 5P
   GaAs N-channel Dual Gate MES FET
3SK166A SONY-3SK166A Datasheet
72Kb / 5P
   GaAs N-channel Dual Gate MES FET
3SK166A-0 SONY-3SK166A-0 Datasheet
72Kb / 5P
   GaAs N-channel Dual Gate MES FET
3SK166A-2 SONY-3SK166A-2 Datasheet
72Kb / 5P
   GaAs N-channel Dual Gate MES FET
More results

Similar Description - 3SK165A-0

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CF739 SIEMENS-CF739 Datasheet
138Kb / 7P
   GaAs FET (N-channel dual-gate GaAs MES FET)
logo
Sony Corporation
SGM2016AM SONY-SGM2016AM Datasheet
61Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2014M SONY-SGM2014M Datasheet
107Kb / 4P
   GaAs N-channel Dual Gate MES FET?
SGM2013N SONY-SGM2013N Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2014AM SONY-SGM2014AM Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014AN SONY-SGM2014AN Datasheet
57Kb / 5P
   GaAs N-channel Dual Gate MES FET
3SK147 SONY-3SK147 Datasheet
510Kb / 4P
   GAAS N-CHANNEL DUAL-GATE MES FET
3SK166A SONY-3SK166A Datasheet
72Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2016AN SONY-SGM2016AN Datasheet
56Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2016M SONY-SGM2016M Datasheet
112Kb / 4P
   GaAs N-channel Dual-Gate MES FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com