Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27423-EP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27423-EP
Description  DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423-EP Datasheet(HTML) 2 Page - Texas Instruments

  UCC27423-EP Datasheet HTML 1Page - Texas Instruments UCC27423-EP Datasheet HTML 2Page - Texas Instruments UCC27423-EP Datasheet HTML 3Page - Texas Instruments UCC27423-EP Datasheet HTML 4Page - Texas Instruments UCC27423-EP Datasheet HTML 5Page - Texas Instruments UCC27423-EP Datasheet HTML 6Page - Texas Instruments UCC27423-EP Datasheet HTML 7Page - Texas Instruments UCC27423-EP Datasheet HTML 8Page - Texas Instruments UCC27423-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
UDG−01063
1
OUTA
ENBA
2
INA
3
GND
7
ENBB
8
INVERTING
NONINVERTING
OUTB
4
5
INVERTING
NONINVERTING
INB
6
VDD
VDD
UCC27424-EP
UCC27423-EP
SLUS704B – FEBRUARY 2007 – REVISED APRIL 2012
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
PART NUMBER
MEDIUM
QUANTITY
MSOP-8
PowerPAD™
UCC27424MDGNREP
–55°C to 125°C
Tape and Reel
2500/Reel
(DGN)(3)
SOIC 8 (D)
UCC27423MDREP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(3)
The PowerPAD package is not directly connected to any leads of the package. However, it is electrically and thermally connected to the
substrate, which is the ground of the device.
BLOCK DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Enable for driver A with logic-compatible threshold and hysteresis. The driver output can be enabled and
ENBA
1
I
disabled with this pin. It is pulled up internally to VDD with a 100-kΩ resistor for active-high operation. The output
state when the device is disabled is low, regardless of the input state.
Enable for driver B with logic-compatible threshold and hysteresis. The driver output can be enabled and
ENBB
8
I
disabled with this pin. It is pulled up internally to VDD with a 100-k
Ω resistor for active-high operation. The output
state when the device is disabled is low, regardless of the input state.
Common ground. This ground should be connected very closely to the source of the power MOSFET that the
GND
3
driver is driving.
Input A. Input signal of the A driver, which has logic-compatible threshold and hysteresis. If not used, this input
INA
2
I
should be tied to either VDD or GND. It should not be left floating.
Input B. Input signal of the A driver, which has logic-compatible threshold and hysteresis. If not used, this input
INB
4
I
should be tied to either VDD or GND. It should not be left floating.
OUTA
7
O
Driver output A. The output stage is capable of providing 4-A drive current to the gate of a power MOSFET.
OUTB
5
O
Driver output B. The output stage is capable of providing 4-A drive current to the gate of a power MOSFET.
VDD
6
I
Supply. Supply voltage and the power input connection for this device.
2
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): UCC27424-EP UCC27423-EP


Similar Part No. - UCC27423-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
More results

Similar Description - UCC27423-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com