Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28070QPWRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28070QPWRQ1
Description  INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28070QPWRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  UCC28070QPWRQ1 Datasheet HTML 1Page - Texas Instruments UCC28070QPWRQ1 Datasheet HTML 2Page - Texas Instruments UCC28070QPWRQ1 Datasheet HTML 3Page - Texas Instruments UCC28070QPWRQ1 Datasheet HTML 4Page - Texas Instruments UCC28070QPWRQ1 Datasheet HTML 5Page - Texas Instruments UCC28070QPWRQ1 Datasheet HTML 6Page - Texas Instruments UCC28070QPWRQ1 Datasheet HTML 7Page - Texas Instruments UCC28070QPWRQ1 Datasheet HTML 8Page - Texas Instruments UCC28070QPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
UCC28070-Q1
www.ti.com
SLUSA71A
– JULY 2010 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range
−40°C < TA < 125°C, VCC = 12 V, GND = 0 V, RRT = 75 kΩ,
RDMX = 68.1 kΩ, RRDM = RSYN = 100 kΩ, CCDR = 2.2 nF, CSS = CVREF = 0.1 µF, CVCC = 1 µF, IVREF = 0 mA (unless otherwise
noted)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Over Voltage
VOVP
OVP threshold
Measured as VSENSE (rising) / VSENSE (regulation)
104
106
108
%
OVP hysteresis
Measured at VSENSE (falling)
100
mV
OVP propagation delay
Measured between VSENSE (rising) and GDx (falling)
0.2
0.3
μs
Zero-Power
VZPWR
Zero-power detect threshold
Measured at VAO (falling)
0.65
0.75
V
Zero-power hysteresis
0.15
Multiplier
VAO
≥ 1.5 V, TA = 25°C
15.4
17
20
VAO = 1.2 V, TA = 25°C
13.5
17.0
20.5
kMULT
Gain constant
VAO
≥ 1.5 V
14
17
22
μA
VAO = 1.2 V
12
17
22.5
VINAC = 0.9 VPK, VAO = 0.8 V
-0.2
0
0.2
IIMO
Output current: zero
VINAC = 0 V, VAO = 5 V
-0.2
0
0.2
Quantized Voltage Feed Forward
VLVL1
Level 1 threshold (3)
0.6
0.7
0.8
VLVL2
Level 2 threshold
1
VLVL3
Level 3 threshold
1.2
VLVL4
Level 4 threshold
1.4
Measured at VINAC (rising)
V
VLVL5
Level 5 threshold
1.65
VLVL6
Level 6 threshold
1.95
VLVL7
Level 7 threshold
2.25
VLVL8
Level 8 threshold
2.6
Current Amplifiers
CAOx high voltage
5.75
6
V
CAOx low voltage
0.1
gMC
CAOx transconductance
100
μs
CAOx sink current, overdriven
50
μA
CAOx source current,
−50
overdriven
Input common mode range
0
3.6
V
RSYNTH = 6 V, TA = 25°C
-16
-8
0
Input offset Voltage
mV
RSYNTH = 6 V
-50
-8
40
Input offset voltage
-50
−8
40
TA = 25°C
-12
0
12
mV
Measured as Phase A
's input
Phase mismatch
offset minus Phase B
's input offset T
A = -40°C to 125°C
-20
14
CAOx pulldown current
VSENSE = 0.5 V, CAOx = 0.2 V
0.5
0.9
mA
(3)
The Level 1 threshold represents the
"zero-crossing detection" threshold above which VINAC must rise to initiate a new input half-cycle,
and below which VINAC must fall to terminate that half-cycle.
Copyright
© 2010–2011, Texas Instruments Incorporated
5


Similar Part No. - UCC28070QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
UCC28070 TI-UCC28070 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070A TI1-UCC28070A Datasheet
1Mb / 43P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz)
UCC28070APW TI1-UCC28070APW Datasheet
1Mb / 43P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz)
More results

Similar Description - UCC28070QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com