Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28220QDRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28220QDRQ1
Description  INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28220QDRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC28220QDRQ1 Datasheet HTML 7Page - Texas Instruments UCC28220QDRQ1 Datasheet HTML 8Page - Texas Instruments UCC28220QDRQ1 Datasheet HTML 9Page - Texas Instruments UCC28220QDRQ1 Datasheet HTML 10Page - Texas Instruments UCC28220QDRQ1 Datasheet HTML 11Page - Texas Instruments UCC28220QDRQ1 Datasheet HTML 12Page - Texas Instruments UCC28220QDRQ1 Datasheet HTML 13Page - Texas Instruments UCC28220QDRQ1 Datasheet HTML 14Page - Texas Instruments UCC28220QDRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
Slope Compensation
PWM
CS1
(4)
+
-
REF
CTRL
(8)
SLOPE
(5)
C_SC
OUT 1
TO RESET
of
PWM LATCH
ON
OFF
2.5/(25*R_SLOPE) = I_SC
R_SLOPE
0.5V
10 pF
S1
S2
UCC28220-Q1
SLUS789 – MARCH 2008
The slope compensation circuit in the UCC28220 operates on a cycle-by-cycle basis. The two channels have
separate slope compensation circuits. These are fabricated in precisely the same way so as current sharing is
unaffected by the slope compensation circuit. For each channel, an internal capacitor is reset whenever that
channel's output is off. At the beginning of the PWM cycle, a current is mirrored off the SLOPE pin into the
capacitor, developing an independent ramp. Since the two channel's ramps start when the channel's output
changes from a low to high state, the ramps are thus interleaved. These internal ramps are added to the voltages
on the current sense pins (CS1 and CS2) and the result forms an input to the PWM comparators.
Figure 3. Slope Compensation Detail for Channel 1 (Duplicate Matched Circuitry for Channel 2)
To ensure stability, the slope compensation circuit must add between 1/5 and 1 times the inductor downslope to
each of the current sense signals prior to being applied to the PWM comparator's input.
Determining the value for the slope compensation resistor:
Design Example
NCT(p) = 1
VOUT = 12
Np = 7
RSENSE = 5.23
FS(out) = 500000
NCT(s) = 50
LOUT = 3.2 x 10
-6
Ns = 5
VEA(cl) = 1.98
Where
NCT(p) = Number of primary turns on the Current Transformer (Turns)
NCT(s) = Number of Secondary turns on the current transformer (Turns)
VOUT = Nominal output voltage of the converter (V)
LOUT = Inductance value of each output inductor (H)
NP = Number of primary turns on the main transformer (Turns)
NS = Number of secondary turns on the main transformer (Turns)
RSENSE = Value of current sense resistor on secondary of current sense transformer (Ω)
VEA(cl) = Maximum value of the E/A output voltage (V)
FS(out) = Switching frequency of each output (Hz)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UCC28220-Q1


Similar Part No. - UCC28220QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI1-UCC28220 Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220D TI-UCC28220D Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
More results

Similar Description - UCC28220QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
logo
ATMEL Corporation
U6084B ATMEL-U6084B_05 Datasheet
233Kb / 11P
   PWM Power Control with Automatic Duty-cycle Reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com