Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACX301AKM Datasheet(PDF) 1 Page - Sony Corporation

Part # ACX301AKM
Description  5.1cm (2.0 Type) NTSC/PAL Color LCD Panel (Module with Backlight)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX301AKM Datasheet(HTML) 1 Page - Sony Corporation

  ACX301AKM Datasheet HTML 1Page - Sony Corporation ACX301AKM Datasheet HTML 2Page - Sony Corporation ACX301AKM Datasheet HTML 3Page - Sony Corporation ACX301AKM Datasheet HTML 4Page - Sony Corporation ACX301AKM Datasheet HTML 5Page - Sony Corporation ACX301AKM Datasheet HTML 6Page - Sony Corporation ACX301AKM Datasheet HTML 7Page - Sony Corporation ACX301AKM Datasheet HTML 8Page - Sony Corporation ACX301AKM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ACX301AKM
5.1cm (2.0 Type) NTSC/PAL Color LCD Panel (Module with Backlight)
Description
The ACX301AKM is an LCD panel module with
back light developed exclusively for the ACX301AK
5.1cm
diagonal
active
matrix
TFT-LCD
panel
addressed by low temperature polycrystalline silicon
transistors with built-in peripheral driving circuitry.
This module provides full-color representation for
NTSC and PAL systems. In addition, RGB dots are
arranged in a delta pattern that provides smooth
picture quality without fixed color patterns compared
to vertical stripe and mosaic patterns.
Features
• Number of active dots: 200,000, 5.1cm (2.0 Type) in diagonal
• Horizontal resolution:
440 TV lines
• Center luminance:
250cd/m2 (typ.)
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V driving circuitry (built-in input level conversion circuit, 3V drive possible)
• Low voltage, low power consumption: 12V drive: 50mW (panel block, typ.)
0.48W (CCFL∗ power consumption, typ.)
∗ Cold cathode fluorecene lamp
• Smooth pictures with a RGB delta arrangement
• Supports NTSC/PAL
• Built-in picture quality improvement circuit
• Up/down and/or right/left inverse display function
• 16:9 screen display function
• LR (low reflectance) surface treatment provides an easy-to-see display even outdoors
• Dirt-resistant surface treatment
• Thin package using a dedicated backlight (5.8mm thick)
• High color reproductivity using a backlight optimum for LCD panels
Element Structure
• Active matrix TFT-LCD panel with built-in peripheral driving circuitry using low temperature polycrystalline
silicon transistors
• Edge-light type backlight using cold cathode tubes
• Number of pixels
Total number of dots:
896 (H)
× 230 (V) = 206,080
Number of active dots:
880 (H)
× 228 (V) = 200,640
• Module dimensions
Package dimensions:
50.5 (W)
× 45.6 (D) × 5.8 (H) (mm)
Effective display dimensions: 40.5 (H)
× 30.6 (V) (mm)
Applications
LCD monitors, etc.
– 1 –
E99633A01-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.


Similar Part No. - ACX301AKM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACX301AK ETC-ACX301AK Datasheet
39Kb / 2P
   Low-temperature Polysilicon TFT LCDs
More results

Similar Description - ACX301AKM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX302AK SONY-ACX302AK Datasheet
365Kb / 24P
   8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
LCX032AK SONY-LCX032AK Datasheet
279Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AKB SONY-LCX033AKB Datasheet
260Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033ANB SONY-LCX033ANB Datasheet
189Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
ACX306AK SONY-ACX306AK Datasheet
381Kb / 23P
   3.86cm (1.5 Type) NTSC/PAL Color LCD Panel
LCX032ANB SONY-LCX032ANB Datasheet
540Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com