Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA826 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA826 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA826_12 Datasheet HTML 4Page - Texas Instruments INA826_12 Datasheet HTML 5Page - Texas Instruments INA826_12 Datasheet HTML 6Page - Texas Instruments INA826_12 Datasheet HTML 7Page - Texas Instruments INA826_12 Datasheet HTML 8Page - Texas Instruments INA826_12 Datasheet HTML 9Page - Texas Instruments INA826_12 Datasheet HTML 10Page - Texas Instruments INA826_12 Datasheet HTML 11Page - Texas Instruments INA826_12 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
0
500
1000
1500
2000
IB (nA)
G027
0
500
1000
1500
2000
2500
3000
IOS (nA)
G028
0
4000
8000
12000
16000
20000
24000
28000
32000
Gain Error Drift (ppm/°C)
Wafer Probe Data
G052
0
2000
4000
6000
8000
10000
12000
14000
16000
Gain Error Drift (ppm/°C)
Wafer Probe Data
G051
−1
−0.5
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
Output Voltage (V)
VREF = 0 V
VREF = 1.35 V
VS = 2.7 V, G = 1
G035
−1
−0.5
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
Output Voltage (V)
VREF = 0 V
VREF = 1.35 V
VS = 2.7 V, G = 100
G036
INA826
SBOS562C – AUGUST 2011 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1, unless otherwise noted.
TYPICAL DISTRIBUTION OF
TYPICAL DISTRIBUTION OF
INPUT BIAS CURRENT
INPUT OFFSET CURRENT
Figure 5.
Figure 6.
TYPICAL GAIN ERROR DRIFT DISTRIBUTION
TYPICAL GAIN ERROR DRIFT DISTRIBUTION
(G = 1)
(G > 1)
Figure 7.
Figure 8.
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
(Single Supply, VS = +2.7 V, G = 1)
(Single Supply, VS = +2.7 V, G = 100)
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): INA826


Similar Part No. - INA826_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI1-INA826_13 Datasheet
1Mb / 43P
[Old version datasheet]   Supply Instrumentation Amplifier
More results

Similar Description - INA826_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA823 TI-INA823_V01 Datasheet
3Mb / 40P
[Old version datasheet]   INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
NOVEMBER 2021
INA823 TI-INA823 Datasheet
3Mb / 33P
[Old version datasheet]   INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA826S TI1-INA826S Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
logo
List of Unclassifed Man...
R1524H050B-T1-AE ETC-R1524H050B-T1-AE Datasheet
2Mb / 37P
   200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
logo
Nisshinbo Micro Devices...
R1524X NISSHINBO-R1524X Datasheet
2Mb / 37P
   200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
logo
Texas Instruments
INA183 TI-INA183 Datasheet
1Mb / 24P
[Old version datasheet]   INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
logo
ON Semiconductor
NCS21911 ONSEMI-NCS21911 Datasheet
1Mb / 22P
   Precision Operational Amplifier, 25 V Offset, Zero-Drift, 36 V Supply, 2 MHz
June, 2020 ??Rev. 2
logo
Nisshinbo Micro Devices...
R1525X NISSHINBO-R1525X Datasheet
3Mb / 36P
   200 mA 42 V Ultra Low Supply Current Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com