Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP2566PTR Datasheet(PDF) 5 Page - Texas Instruments

Part # VSP2566PTR
Description  CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP2566PTR Datasheet(HTML) 5 Page - Texas Instruments

  VSP2566PTR Datasheet HTML 1Page - Texas Instruments VSP2566PTR Datasheet HTML 2Page - Texas Instruments VSP2566PTR Datasheet HTML 3Page - Texas Instruments VSP2566PTR Datasheet HTML 4Page - Texas Instruments VSP2566PTR Datasheet HTML 5Page - Texas Instruments VSP2566PTR Datasheet HTML 6Page - Texas Instruments VSP2566PTR Datasheet HTML 7Page - Texas Instruments VSP2566PTR Datasheet HTML 8Page - Texas Instruments VSP2566PTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ELECTRICAL CHARACTERISTICS: VSP2566
VSP2560
VSP2562
VSP2566
www.ti.com ................................................................................................................................................................................................ SBES008 – AUGUST 2008
All specifications at TA = +25°C, all power-supply voltages = +3.0 V, and conversion rate = 36 MHz, no load, unless otherwise
noted.
VSP2566PT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
Resolution
16
Bits
CONVERSION/CLOCK RATE
Conversion/clock rate
36
MHz
ANALOG INPUT (CCDIN)
Input signal level for full-scale out
CDS gain = 0 dB, DPGA gain = 0 dB
1000
mV
Maximum input range
CDS gain = –3 dB , DPGA gain = 0 dB
1300
mV
Input capacitance
15
pF
Input limit
–0.3
3.3
V
TRANSFER CHARACTERISTICS
Differential nonlinearity (DNL)
CDS gain = 0 dB, DPGA gain = 0 dB
±2
LSB
Integral nonlinearity (INL)
CDS gain = 0 dB, DPGA gain = 0 dB
±32
LSB
No missing codes
Ensured
Step response settling time
Full-scale step input
1
Pixel
Overload recovery time
Step input from 1.8 V to 0 V
2
Pixels
Data latency
6
Clock
Grounded input capacitor, PGA gain = 0 dB
76
dB
Signal-to-noise ratio(1)
Grounded input capacitor, CDS gain = +12 dB
68
dB
CCD offset correction range
–200
200
mV
INPUT CLAMP
Clamp on-resistance
400
Clamp level
1.25
V
PROGRAMMABLE ANALOG FRONT GAIN (CDS)
Minimum gain
Gain code = 111
–3
dB
Default gain
Gain code = 000
0
dB
Medium gain 1
Gain code = 001
6
dB
Medium gain 2
Gain code = 010
12
dB
Maximum gain
Gain code = 011
18
dB
Gain control error
0.5
dB
PROGRAMMABLE DIGITAL GAIN (DPGA)
Programmable gain range
–6
26
dB
Gain step
0.032
dB
OPTICAL BLACK CLAMP LOOP
Control DAC resolution
10
Bits
Loop time constant
OB loop IDAC is x1
40.7
µs
Programmable range of clamp level
1024
4992
LSB
Optical black clamp level
OBCLP level at code = 01000b
2048
LSB
OB level program step
128
LSB
(1)
SNR = 20 log (full-scale voltage/rms noise).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): VSP2560 VSP2562 VSP2566


Similar Part No. - VSP2566PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP2566PT TI1-VSP2566PT Datasheet
1Mb / 7P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
More results

Similar Description - VSP2566PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP2560 TI1-VSP2560_14 Datasheet
1Mb / 7P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2582 TI1-VSP2582 Datasheet
780Kb / 28P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP8133 TI-VSP8133 Datasheet
901Kb / 29P
[Old version datasheet]   CCD Analog Front-End with Timing Generator for Digital Cameras
logo
Burr-Brown (TI)
VSP2080 BURR-BROWN-VSP2080 Datasheet
80Kb / 7P
   CCD SIGNAL FRONT-END PROCESSOR FOR DIGITAL CAMERAS
logo
Texas Instruments
VSP01M01 TI1-VSP01M01 Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
logo
NXP Semiconductors
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
logo
Texas Instruments
VSP5010 TI1-VSP5010 Datasheet
711Kb / 25P
[Old version datasheet]   12-Bit, 31-MSPS, Dual-Channel CCD ANALOG FRONT-END FOR DIGITAL COPIERS
logo
Sony Corporation
CXA1690Q SONY-CXA1690Q Datasheet
284Kb / 18P
   Head Amplifier for Digital CCD Cameras
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com