Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3T16210-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3T16210-Q1
Description  20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3T16210-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74CB3T16210-Q1 Datasheet HTML 6Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 7Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 8Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 9Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 10Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 11Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 12Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 13Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Jun-2011
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
CCB3T16210QDGGRQ1
ACTIVE
TSSOP
DGG
48
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN74CB3T16210-Q1 :
Catalog: SN74CB3T16210
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product


Similar Part No. - SN74CB3T16210-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results

Similar Description - SN74CB3T16210-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI-SN74CB3T1G125 Datasheet
193Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
606Kb / 15P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211 Datasheet
165Kb / 11P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_07 Datasheet
218Kb / 15P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_08 Datasheet
339Kb / 14P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16212 TI-SN74CB3T16212 Datasheet
250Kb / 13P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH, 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16212 TI1-SN74CB3T16212_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH, 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com