Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACX704AKM Datasheet(PDF) 11 Page - Sony Corporation

Part # ACX704AKM
Description  9.60cm (3.78 Type) QVGA Reflective Color LCD Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX704AKM Datasheet(HTML) 11 Page - Sony Corporation

Back Button ACX704AKM Datasheet HTML 7Page - Sony Corporation ACX704AKM Datasheet HTML 8Page - Sony Corporation ACX704AKM Datasheet HTML 9Page - Sony Corporation ACX704AKM Datasheet HTML 10Page - Sony Corporation ACX704AKM Datasheet HTML 11Page - Sony Corporation ACX704AKM Datasheet HTML 12Page - Sony Corporation ACX704AKM Datasheet HTML 13Page - Sony Corporation ACX704AKM Datasheet HTML 14Page - Sony Corporation ACX704AKM Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
– 11 –
ACX704AKM
1 Connect the resistor and capacitor to the RESET pin as shown in the figure below.
RESET
ACX704AKM
The external C and R value differs according to the rising time
of the panel supply voltage.
Set a C value that satisfies treset > 1ms.
HVDD
HVDD
HVDD
RESET
treset
Time
HVDD, VVDD
HVDD-RESET
VVDD-RESET
5V
C
R
2 This is applied to the following pins.
R31, R21, R11, R01, G31, G21, G11, G01, B31, B21, B11, B01, XR31, XR21, XR11, XR01, XG31, XG21,
XG11, XG01, XB31, XB21, XB11, XB01,
R32, R22, R12, R02, G32, G22, G12, G02, B32, B22, B12, B02, XR32, XR22, XR12, XR02, XG32, XG22,
XG12, XG02, XB32, XB22, XB12, XB02,
HST1, XHST1, HST2, XHST2, HCK1, XHCK1, HCK2, XHCK2, OE1, XOE1, OE2, XOE2,
VST, XVST, VCK, XVCK, ENB, XENB, TEST4, TEST5, TEST6, TEST7
3 Common voltage center VcomC should be adjusted so as to minimize flicker or maximum contrast every
each module.
4 This is applied to the following pins.
V0, V1, V2, V3, V4, V5, V6, V7, V8
5 This is applied to the following pins.
R31, R21, R11, R01, G31, G21, G11, G01, B31, B21, B11, B01, XR31, XR21, XR11, XR01, XG31, XG21,
XG11, XG01, XB31, XB21, XB11, XB01,
R32, R22, R12, R02, G32, G22, G12, G02, B32, B22, B12, B02, XR32, XR22, XR12, XR02, XG32, XG22,
XG12, XG02, XB32, XB22, XB12, XB02
6 This is applied to the following pins.
HCK1, XHCK1, HCK2, XHCK2
7 This is applied to the following pins.
HST1, XHST1, HST2, XHST2, HCK1, XHCK1, HCK2, XHCK2
8 This is applied to the following pins.
R31, R21, R11, R01, G31, G21, G11, G01, B31, B21, B11, B01, XR31, XR21, XR11, XR01, XG31, XG21,
XG11, XG01, XB31, XB21, XB11, XB01,
R32, R22, R12, R02, G32, G22, G12, G02, B32, B22, B12, B02, XR32, XR22, XR12, XR02, XG32, XG22,
XG12, XG02, XB32, XB22, XB12, XB02,
HCK1, XHCK1, HCK2, XHCK2


Similar Part No. - ACX704AKM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACX703AKM ETC2-ACX703AKM Datasheet
38Kb / 2P
   Low Power Consumption and High Picture Quality 2.0-inch 200K-dot Reflective Color LCD
logo
Sony Corporation
ACX705AKM SONY-ACX705AKM Datasheet
143Kb / 20P
   6.92cm Diagonal Reflective Color LCD Module
ACX705AKM SONY-ACX705AKM Datasheet
34Kb / 2P
   Low Temperature Polycrystalline Silicon 6.9 cm (2.7-type) 1/8 VGA Color Reflective LCD Module with Built-in Low-power 3-bit D/A Converter
ACX705AKM SONY-ACX705AKM_1 Datasheet
34Kb / 2P
   Low Temperature Polycrystalline Silicon 6.9 cm (2.7-type) 1/8 VGA Color Reflective LCD Module with Built-in Low-power 3-bit D/A Converter
logo
List of Unclassifed Man...
ACX706AKM ETC1-ACX706AKM Datasheet
53Kb / 2P
   Portrait-type 8.9 cm (3.5-type) QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter
More results

Similar Description - ACX704AKM

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDA350-2G HANTRONIX-HDA350-2G Datasheet
454Kb / 19P
   QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA570S-V HANTRONIX-HDA570S-V_15 Datasheet
44Kb / 3P
   5.7 TFT QVGA COLOR LCD DISPLAY MODULE
logo
Sony Corporation
ACX709AKN SONY-ACX709AKN Datasheet
207Kb / 29P
   7.60cm Reflective Color LCD Module
ACX709AKM SONY-ACX709AKM Datasheet
256Kb / 29P
   7.60cm Reflective Color LCD Module
logo
Hantronix,Inc
HDA350T-3S HANTRONIX-HDA350T-3S Datasheet
1Mb / 15P
   QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
logo
Sony Corporation
ACX705AKM SONY-ACX705AKM Datasheet
143Kb / 20P
   6.92cm Diagonal Reflective Color LCD Module
logo
Hantronix,Inc
HDA570C-G HANTRONIX-HDA570C-G Datasheet
1Mb / 22P
   5.7?? TFT QVGA COLOR LCD DISPLAY MODULE (With Controller)
logo
List of Unclassifed Man...
ACX706AKM ETC1-ACX706AKM Datasheet
53Kb / 2P
   Portrait-type 8.9 cm (3.5-type) QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter
logo
Sharp Corporation
LM057QC1T01 SHARP-LM057QC1T01 Datasheet
1Mb / 21P
   NEGATIVE MATRIX TYPE COLOR LCD MODULE
logo
Toshiba Semiconductor
LTA050B352A TOSHIBA-LTA050B352A Datasheet
41Kb / 1P
   5.0 TYPE COLOR TFT-LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com