Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTLPH32912 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74GTLPH32912
Description  36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLPH32912 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74GTLPH32912 Datasheet HTML 5Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 6Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 7Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 8Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 9Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 10Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 11Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 12Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
Live-Insertion Specifications for B Port
Timing Requirements
SN74GTLPH32912
36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SCES379A – JANUARY 2002 – REVISED MAY 2005
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ioff
VCC = 0,
BIAS VCC = 0,
VI or VO = 0 to 1.5 V
10
µA
IOZPU
VCC = 0 to 1.5 V,
BIAS VCC = 0,
VO = 0.5 V to 1.5 V, OE = 0
±30
µA
IOZPD
VCC = 1.5 V to 0,
BIAS VCC = 0,
VO = 0.5 V to 1.5 V, OE = 0
±30
µA
VCC = 0 to 3.15 V
5
mA
ICC (BIAS VCC)
BIAS VCC = 3.15 V to 3.45 V,
VO (B port) = 0 to 1.5 V
VCC = 3.15 V to 3.45 V
10
µA
VO
VCC = 0,
BIAS VCC = 3.3 V,
IO = 0
0.95
1.05
V
IO
VCC = 0,
BIAS VCC = 3.15 V to 3.45 V,
VO (B port) = 0.6 V
–1
µA
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.5 V and VREF = 1 V for GTLP (unless otherwise noted)
MIN
MAX
UNIT
fclock
Clock frequency
175
MHz
LEAB or LEBA high
2.8
tw
Pulse duration
ns
CLKAB or CLKBA high or low
2.8
A before CLKAB
1.8
B before CLKBA
1.5
A before LEAB
1
tsu
Setup time
ns
B before LEBA
2
CEAB before CLKAB
1.5
CEBA before CLKBA
1.5
A after CLKAB
0.3
B after CLKBA
0.4
A after LEAB
1.1
th
Hold time
ns
B after LEBA
0.5
CEAB after CLKAB
1
CEBA after CLKBA
1
9


Similar Part No. - SN74GTLPH32912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH32916 TI1-SN74GTLPH32916 Datasheet
397Kb / 18P
[Old version datasheet]   34-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH32916ZKFR TI1-SN74GTLPH32916ZKFR Datasheet
397Kb / 18P
[Old version datasheet]   34-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
More results

Similar Description - SN74GTLPH32912

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP36T612 FAIRCHILD-GTLP36T612 Datasheet
78Kb / 8P
   36-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com