Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU97941FV-E2 Datasheet(PDF) 1 Page - Rohm

Part # BU97941FV-E2
Description  Multifunction LCD Segment Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU97941FV-E2 Datasheet(HTML) 1 Page - Rohm

  BU97941FV-E2 Datasheet HTML 1Page - Rohm BU97941FV-E2 Datasheet HTML 2Page - Rohm BU97941FV-E2 Datasheet HTML 3Page - Rohm BU97941FV-E2 Datasheet HTML 4Page - Rohm BU97941FV-E2 Datasheet HTML 5Page - Rohm BU97941FV-E2 Datasheet HTML 6Page - Rohm BU97941FV-E2 Datasheet HTML 7Page - Rohm BU97941FV-E2 Datasheet HTML 8Page - Rohm BU97941FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
BU97941FV
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
1/22
TSZ02201-0A0A2D300080-1-2
1.Jun.2012 Rev.001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
Datasheet
Multifunction LCD Segment Driver
BU97941FV
MAX 104 segments (SEG26×COM4)
●Features
Integrated RAM for display data (DDRAM):
26 x 4 bit (Max 104 Segments)
LCD drive output:
4 Common output, 26 Segment output
Integrated 4ch LED driver circuit
Support standby mode
Integrated Power-on-Reset circuit (POR)
Integrated Oscillator circuit
No external component
Low power consumption design
Independent power supply for LCD driving
●Applications
Telephone
FAX
Portable equipment (POS, ECR, PDA etc.)
DSC
DVC
Car audio
Home electrical appliance
Meter equipment
etc.
●Key Specifications
Supply Voltage Range:
+1.8V to +3.6V
LCD drive power supply Range:
+2.7V to +5.5V
Operating Temperature Range:
-40°C to +85°C
Max Segments:
104 Segments
Display Duty:
Static, 1/3, 1/4 selectable
Bias:
Static, 1/3
Interface:
3wire serial interface
●Package
W (Typ.) x D (Typ.) x H (Max.)
●Typical Application Circuit
Figure 1.
Typical application circuit
SSOP-B40
13.60mm x 7.80mm x 2.00mm
Signal input from controller
*About resistor value
Determine the optimal value
based on the applied current
With 25mA as max per 1 port
5.0V
3.3V
VLCD
VDD
CSB
SD
SCL
VSS
BU979 41FV
LCD
COM0 to COM3
SEG0 to SEG25
LED1
VLED=5.0V
LED2
LED3
LED4


Similar Part No. - BU97941FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97941FV-E2 ROHM-BU97941FV-E2 Datasheet
579Kb / 5P
   Schottky Barrier Diode
BU97941FV-E2 ROHM-BU97941FV-E2 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
More results

Similar Description - BU97941FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
   Multifunction LCD Segment Driver
BU97931FV-LB ROHM-BU97931FV-LB Datasheet
921Kb / 32P
   Multifunction LCD Segment Driver
BU97930MUV ROHM-BU97930MUV_15 Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97931FV ROHM-BU97931FV Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97941FV ROHM-BU97941FV_15 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
logo
Motorola, Inc
MC141511A MOTOROLA-MC141511A Datasheet
285Kb / 17P
   LCD Segment Driver
logo
Princeton Technology Co...
PT16597 PTC-PT16597 Datasheet
144Kb / 3P
   LCD Segment Driver
logo
SHANGHAI BELLING CO., L...
BL55072A BELLING-BL55072A Datasheet
694Kb / 12P
   LCD Segment Driver
logo
Rohm
BU9706KS ROHM-BU9706KS Datasheet
59Kb / 6P
   LCD segment driver
BU9794KV ROHM-BU9794KV Datasheet
702Kb / 23P
   For 200 Segment type LCD LCD Segment Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com