Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZ6Axx06GM-TR Datasheet(PDF) 3 Page - Rohm

Part # BZ6Axx06GM-TR
Description  0.65A Output, Fully Integrated, Step-down Switching Power Supply Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BZ6Axx06GM-TR Datasheet(HTML) 3 Page - Rohm

  BZ6Axx06GM-TR Datasheet HTML 1Page - Rohm BZ6Axx06GM-TR Datasheet HTML 2Page - Rohm BZ6Axx06GM-TR Datasheet HTML 3Page - Rohm BZ6Axx06GM-TR Datasheet HTML 4Page - Rohm BZ6Axx06GM-TR Datasheet HTML 5Page - Rohm BZ6Axx06GM-TR Datasheet HTML 6Page - Rohm BZ6Axx06GM-TR Datasheet HTML 7Page - Rohm BZ6Axx06GM-TR Datasheet HTML 8Page - Rohm BZ6Axx06GM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/16
Datasheet
BZ6Axx06GM Series
TSZ02201-0F2F0A100020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
24.Jul.2012 Rev.001
www.rohm.com
TSZ22111・15・001
Description of operations
1) Shutdown
If the EN input pin set to low (<0.4V), all circuit are shut down and the regulator is standby mode.
Do not leave the EN pin floating.
2) Soft start function
The regulator has a soft start circuit that reduces in-rush current at start-up. Typical start up times with a 4.7uF output
capacitor is 120usec.
3) Current limit
The BZ6Axx06GM has a current limit circuit that protects itself and external components during overload condition.
4) Under Voltage Lock Out (UVLO)
The BZ6Axx06GM has a Under Voltage Lock Out circuit that turn off device when VIN>2.05V(typ.)
5) FORCED PWM MODE
Setting MODE pin high (>1.4V) places the regulator in forced PWM.This control provides noise reduction and output
stability.
Do not leave the MODE pin floating.
6) TSD
The BZ6Axx06GM has a thermal shutdown feature to protect the device if the junction temperature exceeds 150
.In
thermal shutdown, the DRIVER is disabled.
This circuit is only to cut off the IC from thermal runaway, and has not been design to protect or guarantee the IC. Therefore,
the user should not plan to activate this circuit with continued operation in mind.
Absolute Maximum Ratings
(Ta=25
)
*1
When mounted on the specified PCB (55mm x 63mm), Deducted by 3.9m W/c when used over Ta=25c
Recommended Operating Rating(s)
Parameter
Symbol
Rating
Unit
Maximum input power supply voltage
VIN
7
V
Power dissipation
Pd
0.75
*1
W
Operating temperature range
Topr
-40 to +85
Storage temperature range
Tstg
-55 to +125
Junction temperature
Tjmax
+125
Parameter
Symbol
Rating
Unit
Min.
Typ.
Max.
Input voltage
VIN
2.3
5.5
V
Output current
IOUT
0
0.65
A


Similar Part No. - BZ6Axx06GM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
   0.65A Output, Fully Integrated Step-down Switching Power Supply Module
BZ6A1806GMP ROHM-BZ6A1806GMP Datasheet
1Mb / 23P
   0.65A Output, Fully Integrated Step-down Switching Power Supply Module
BZ6AB906GMP ROHM-BZ6AB906GMP Datasheet
1Mb / 23P
   0.65A Output, Fully Integrated Step-down Switching Power Supply Module
More results

Similar Description - BZ6Axx06GM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
   0.65A Output, Fully Integrated Step-down Switching Power Supply Module
logo
Fairchild Semiconductor
FAN4603 FAIRCHILD-FAN4603 Datasheet
955Kb / 12P
   600mA, Fully Integrated, Buck Power Supply Module
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
logo
Rohm
BD9E151ANUX ROHM-BD9E151ANUX Datasheet
1Mb / 25P
   Step-Down Switching Regulator Integrated Power MOSFET
25.Mar.2020 Rev.001
logo
Maxim Integrated Produc...
MAX20733 MAXIM-MAX20733 Datasheet
967Kb / 26P
   Integrated, Step-Down Switching Regulator
2016
MAX20735 MAXIM-MAX20735 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2017
MAX20745 MAXIM-MAX20745 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2020
logo
STMicroelectronics
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
logo
National Semiconductor ...
LM2640 NSC-LM2640 Datasheet
504Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
LM2641 NSC-LM2641 Datasheet
466Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com