Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST89C58-33-C-NJ Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST89C58-33-C-NJ
Description  FlashFlex51 MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89C58-33-C-NJ Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST89C58-33-C-NJ Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89C58-33-C-NJ Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89C58-33-C-NJ Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89C58-33-C-NJ Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89C58-33-C-NJ Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89C58-33-C-NJ Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89C58-33-C-NJ Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89C58-33-C-NJ Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89C58-33-C-NJ Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
© 2000 Silicon Storage Technology, Inc.
344-2 8/00
FlashFlex51 MCU
SST89C54 / SST89C58
Preliminary Specifications
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PIN DESCRIPTIONS (CONTINUED)
Symbol
Type1
Name and Functions
PSEN#
O/I
Program Store Enable: PSEN# is the Read strobe to External Program
Memory. When the SST89C54/58 are executing from Internal Program
Memory, PSEN# is inactive (high). When the device is executing code from
External Program Memory, PSEN# is activated twice each machine cycle,
except that two PSEN# activations are skipped during each access to External
Data Memory. While the RST input is continually held high (for more than ten
machine cycles), a forced high-to-low input transition on the PSEN# pin will bring
the device into the “External Host” mode for the internal flash memory
programming operation.
RST
I
Reset: A high logic state on this pin for two machine cycles (at least 24 oscillator
periods), while the oscillator is running resets the device. After a successful reset
is completed, if the PSEN# pin is driven by an input force with a high-to-low
transition while the RST input pin is continually held high, the device will enter the
“External Host” mode for the internal flash memory programming operation,
otherwise the device will enter the “Normal” operation mode.
EA#
I
External Access Enable: EA# must be connected to VSS in order to enable the
SST89C54/58 to fetch code from External Program Memory locations starting
at 0000h up to FFFFh. Note, however, that if the Security Lock is activated on
either block, the logic level at EA# is internally latched during reset. EA# must be
connected to VDD for internal program execution. The EA# pin can tolerate a high
voltage2 of 12V (see Electrical Specification).
ALE/PROG#
I/O
Address Latch Enable: ALE is the output signal for latching the low byte of the
address during accesses to external memory. This pin is also the programming
pulse input (PROG#).
XTAL1
I
Oscillator: Input and output to the inverting oscillator amplifier. XTAL1 is input to
XTAL2
O
internal clock generation circuits from an external clock source.
VDD
I
Power Supply: Supply voltage during normal, Idle, Power Down, and Standby
Mode operations.
Vss
I
Ground: Circuit ground. (0V reference)
344 PGM T1.6
Note: 1 )
I = Input
O = Output
2)
It is not necessary to receive a 12V programming supply voltage during flash programming.


Similar Part No. - SST89C58-33-C-NJ

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89C58-33-C-NJ SST-SST89C58-33-C-NJ Datasheet
3Mb / 45P
   FlashFlex51 MCU
More results

Similar Description - SST89C58-33-C-NJ

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com