Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC244QDWRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC244QDWRQ1
Description  OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC244QDWRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC244QDWRQ1 Datasheet HTML 1Page - Texas Instruments SN74HC244QDWRQ1 Datasheet HTML 2Page - Texas Instruments SN74HC244QDWRQ1 Datasheet HTML 3Page - Texas Instruments SN74HC244QDWRQ1 Datasheet HTML 4Page - Texas Instruments SN74HC244QDWRQ1 Datasheet HTML 5Page - Texas Instruments SN74HC244QDWRQ1 Datasheet HTML 6Page - Texas Instruments SN74HC244QDWRQ1 Datasheet HTML 7Page - Texas Instruments SN74HC244QDWRQ1 Datasheet HTML 8Page - Texas Instruments SN74HC244QDWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74HC244Q1
OCTAL BUFFER AND LINE DRIVER
WITH 3STATE OUTPUTS
SCLS543A − SEPTEMBER 2002 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Qualified for Automotive Applications
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current Outputs Drive Up To 15
LSTTL Loads
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 11 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
description/ordering information
This octal buffer and line driver is designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers, and bus-oriented receivers and transmitters.
The
SN74HC244
is
organized
as
two
4-bit
buffers/drivers with separate output-enable (OE)
inputs. When OE is low, the device passes
noninverted data from the A inputs to the Y outputs.
When
OE
is
high,
the
outputs
are
in
the
high-impedance state.
ORDERING INFORMATION{
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
SOIC − DW
Reel of 2000
SN74HC244QDWRQ1
HC244Q
−40
°C to 125°C
TSSOP − PW
Reel of 2000
SN74HC244QPWRQ1
HC244Q
† For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
FUNCTION TABLE
(each buffer/driver)
INPUTS
OUTPUT
OE
A
OUTPUT
Y
L
H
H
L
LL
H
X
Z
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
DW OR PW PACKAGE
(TOP VIEW)
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74HC244QDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC244QDWREP TI1-SN74HC244QDWREP Datasheet
608Kb / 14P
[Old version datasheet]    OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244QDWRG4Q1 TI-SN74HC244QDWRG4Q1 Datasheet
717Kb / 19P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC244QDWRG4Q1 TI1-SN74HC244QDWRG4Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Octal Buffers and Line Drivers With 3-State Outputs
SN74HC244QDWRG4Q1 TI1-SN74HC244QDWRG4Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Octal Buffers and Line Drivers With 3-State Outputs
More results

Similar Description - SN74HC244QDWRQ1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS541 FAIRCHILD-DM74ALS541 Datasheet
62Kb / 6P
   Octal Buffer and Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74HCT244-EP TI1-SN74HCT244-EP Datasheet
499Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244-EP TI1-SN74HC244-EP Datasheet
608Kb / 14P
[Old version datasheet]    OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74ALS1240 TI1-SN74ALS1240 Datasheet
95Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HCT244-Q1 TI1-SN74HCT244-Q1 Datasheet
182Kb / 8P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com