Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL34-68 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # TGL34-68
Description  Surface Mount Unidirectional and Bidirectional TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

TGL34-68 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  TGL34-68 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TGL34-68 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd TGL34-68 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd TGL34-68 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TGL34-6.8(A)(C)(CA)--TGL34-200(A)(C)(CA)
Surface Mount Unidirectional and Bidirectional TVS
特徵 FEATURES
. 塑膠封裝。Plastic MINI MELF package.
. 玻鈍晶片。Glass passivated chip junction.
. 峰值脈沖功率能力是 150 瓦,當脈沖方形波寬度是
10/1000µs,重復率(占空系數)是 0.01%。
150W peak pulse power capability with a 10/1000µs
waveform ,repetition rate(duty cycle): 0.01%.
. 極好的鉗位能力。 Excellent clamping capability.
. 快速響應時間。
Very fast response time.
. 逐漸低下的浪涌阻抗。 Low incremental surge resistance.
. 反向漏電典型值低于 1mA,高于 10V 的額定鉗位電壓
Typical ID less than 1mA above 10V rating
. 高溫焊接保証
High temperature soldering guaranteed:
250℃/10 seconds of terminal
尺寸單位:inch(mm)
機械資料 MECHANICAL DATA
Dimension in inches (millimeters)
. 封
裝: DO-213AA(GL34) Case:DO-213AA(GL34)
. 端
子: 不光滑的鍍錫引線,可焊性按照 MIL-STD-202 標准,方法 208(E3)
Terminals: Matte tin plated leads,solderable per
MIL-STD-202 method 208 E3 suffix for commercial grade.
. 極
性: 單極性類型的色環端表示陰極。
Polarity: For unidirectional types the band denotes
the cathode which is positive with respect to the anode under normal TVS operation.
雙極性類型尾標中綴“C"或者“CA",電子特性應用于雙向。
DO-213AA/MINI MELF
For bidirectional types (add suffix “C”or ”CA”),electrical characteristics apply in both directions.
極限值和溫度特性
TA=25℃ 除非另有規定。
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. Unless otherwise specified.
參數
Parameter
符號
SYMBOL
數值 Value
單位
UNITS
峰值脈沖功率消耗
(Fig.1)
Peak pulse power dissipation(10/1000
µs waveform)
Pppm
150
W
最大瞬間正向電壓 IF = 10A
(Fig.3)
Maximum Instantaneous Forward Voltage
VF
< 3.5
V
典型熱阻(接面環繞)
(Fig.2)
Typical Thermal Resistance Junction-to-Ambient
R
θJA
75
℃/W
典型熱阻(接面引線)
Typical Thermal Resistance Junction-to-lead
R
θJL
15
℃/W
峰值正向浪湧電流 8.3ms 單一正弦半波
(Fig.3)
Peak forward surge current 8.3 ms single half sine-wave
IFSM
20
A
工作結溫和存儲溫度
Operating Junction And Storage Temperature Range
Tj, TSTG
-55+150
Notes:1.Non-repetitive pulse curve Ippm=f(t)
2.Mounted on P.C board with 25 mm
2 copper pads at each terminal
3.Unidirectional diodes ony


Similar Part No. - TGL34-68

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL34-68 DIOTEC-TGL34-68 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-68 DIOTEC-TGL34-68 Datasheet
124Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-68 DIOTEC-TGL34-68 Datasheet
121Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-68 DIOTEC-TGL34-68 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
TGL34-68 DIOTEC-TGL34-68 Datasheet
169Kb / 4P
   SMD Transient Voltage Suppressor Diodes
More results

Similar Description - TGL34-68

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Diodes Incorporated
DLP3V3DTZ DIODES-DLP3V3DTZ Datasheet
312Kb / 7P
   DUAL UNIDIRECTIONAL AND SINGLE BIDIRECTIONAL TVS
DS30669 Rev. 2 - 2
DESD5V2S2UT DIODES-DESD5V2S2UT Datasheet
102Kb / 4P
   UNIDIRECTIONAL SURFACE MOUNT TVS
T12S5-7 DIODES-T12S5-7 Datasheet
153Kb / 4P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
HY ELECTRONIC CORP.
SMAJ10C HY-SMAJ10C_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
T3V3S5-7 DIODES-T3V3S5-7 Datasheet
153Kb / 4P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com