Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC253-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC253-EP
Description  DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC253-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC253-EP Datasheet HTML 2Page - Texas Instruments SN74HC253-EP Datasheet HTML 3Page - Texas Instruments SN74HC253-EP Datasheet HTML 4Page - Texas Instruments SN74HC253-EP Datasheet HTML 5Page - Texas Instruments SN74HC253-EP Datasheet HTML 6Page - Texas Instruments SN74HC253-EP Datasheet HTML 7Page - Texas Instruments SN74HC253-EP Datasheet HTML 8Page - Texas Instruments SN74HC253-EP Datasheet HTML 9Page - Texas Instruments SN74HC253-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN74HC253EP
DUAL 4LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
WITH 3STATE OUTPUTS
SCLS560 − JANUARY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
76
235
355
A or B
Any Y
4.5 V
23
47
71
tpd
A or B
Any Y
6 V
20
41
60
ns
tpd
Data
2 V
68
220
335
ns
Data
(Any C)
Y
4.5 V
20
44
67
(Any C)
Y
6 V
17
38
57
2 V
44
185
280
ten
OE
Y
4.5 V
16
37
56
ns
ten
OE
Y
6 V
14
32
48
ns
2 V
45
210
315
tt
Y
4.5 V
17
42
63
ns
tt
Y
6 V
13
36
53
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per multiplexer
No load
45
pF


Similar Part No. - SN74HC253-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HC253-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-Q1 TI1-SN74LVC257A-Q1 Datasheet
224Kb / 11P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11257 TI1-74ACT11257_09 Datasheet
425Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
APRIL 1996
SN74LVC257A TI-SN74LVC257A Datasheet
125Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
CD54HC354 TI-CD54HC354 Datasheet
168Kb / 14P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
74AC11258 TI1-74AC11258_09 Datasheet
100Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11258 TI1-74AC11258 Datasheet
100Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11257 TI-74ACT11257 Datasheet
99Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11258 TI1-74ACT11258 Datasheet
89Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11257 TI1-74AC11257_16 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com