Electronic Components Datasheet Search |
|
SR225E104KARTR1 Datasheet(PDF) 9 Page - AVX Corporation |
|
SR225E104KARTR1 Datasheet(HTML) 9 Page - AVX Corporation |
9 / 14 page 23 Radial Leads/SkyCap ®/AR Series AUTOMOTIVE See Note Dimensions: Millimeters (Inches) Note: Coating clean .784 (0.031) min. above seating plane Styles AR15, AR20, AR30, AR40 Style AR21 W Max. W Max. Max. T Max. T L.S. .762 (0.030) L.S. .762 (0.030) H Max. H Max. 1.0" Min. 1.0" Min. LD Nom. LD Nom. 1.52 (0.060) Max. AVX AR Series Conformally Coated Radial Leaded MLC Temperature Coefficients: C0G (NP0), X7R, X8R 200, 100, 50 Volts Case Material: Epoxy Lead Material: RoHS Compliant, 100% Tin Qualified: to AEC-Q200, PPAP Available Temperature Range: up to 150ºC XXX X X X FRONT XXX A XX BACK Capacitance Code Tolerance Code Voltage Code Temp. Char. Code 3 Digit Date Code Lot Code AVX Logo Quantity per Bag AR15, 20, 21, 30 1000 Pieces AR40 500 Pieces Note: AR15, AR20, AR21, AR30, and AR40 available on tape and reel per EIA specifications RS-468. See pages 33 and 34. GENERAL INFORMATION MARKING PACKAGING REQUIREMENTS HOW TO ORDER AR21 AVX Style 5 Voltage 5 = 50V 1 = 100V 2 = 200V F Temperature Coefficient A = C0G (NP0) C = X7R F = X8R 104 Capacitance First two digits are the significant figures of capacitance. Third digit indicates the additional number of zeros. For example, order 100,000 pF as 104. (For values below 10pF use “R” in place of decimal point, e.g., 1R4 = 1.4pF.) M Capacitance Tolerance C0G (NP0): C = ±.25pF D = ±.5pF F = ±1% (>50pF only) G = ±2% (>25pF only) J = ±5% K = ±10% X7R: J = ±5% K = ±10% M = ±20% X8R: J = ±5% K = ±10% M = ±20% 4 Failure Rate 4 = AEC-Q200 R Leads R = RoHS Long Lead 1.0" minimum TR1 Packaging Blank = Bulk Packaging T = Trimmed Leads .230"± .030" Bulk packaging TR1 = Tape and Reel Packaging AP1 = Ammopack Packaging See packaging specification page 33-34. Drawings are for illustrative purposes only. Actual lead form shape could vary within stated tolerances based on body size. |
Similar Part No. - SR225E104KARTR1 |
|
Similar Description - SR225E104KARTR1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |