Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKL24Z256RTFTCCC(R) Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MKL24Z256RTFTCCC(R)
Description  KL24/KL25 Product Brief
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL24Z256RTFTCCC(R) Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MKL24Z256RTFTCCC(R) Datasheet HTML 1Page - Freescale Semiconductor, Inc MKL24Z256RTFTCCC(R) Datasheet HTML 2Page - Freescale Semiconductor, Inc MKL24Z256RTFTCCC(R) Datasheet HTML 3Page - Freescale Semiconductor, Inc MKL24Z256RTFTCCC(R) Datasheet HTML 4Page - Freescale Semiconductor, Inc MKL24Z256RTFTCCC(R) Datasheet HTML 5Page - Freescale Semiconductor, Inc MKL24Z256RTFTCCC(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL24Z256RTFTCCC(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL24Z256RTFTCCC(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL24Z256RTFTCCC(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1 Kinetis L Series
The Kinetis L series is the most scalable portfolio of ultra low-
power, mixed-signal ARM Cortex-M0+ MCUs in the
industry. The portfolio includes 5 MCU families that offer a
broad range of memory, peripheral and package options.
Kinetis L Series families share common peripherals and pin-
counts allowing developers to migrate easily within an MCU
family or between MCU families to take advantage of more
memory or feature integration. This scalability allows
developers to standardize on the Kinetis L Series for their end
product platforms, maximising hardware and software reuse
and reducing time-to-market.
Features common to all Kinetis L series families include:
• 48 MHz ARM Cortex-M0+ core
• High-speed 12/16-bit analog-to-digital converters
• 12-bit digital-to-analog converters for all series except
for KLx4 family
• High-speed analog comparators
• Low-power touch sensing with wake-up on touch from
reduced power states for all series except for KLx4
family
• Powerful timers for a broad range of applications
including motor control
• Low power focused serial communication interfaces
such as low power UART, SPI, I2C etc.
• Single power supply: 1.71V - 3.6V with multiple low-
power modes support single operation temperature: -40
~ 105 °C (exclude CSP package)
Freescale Semiconductor
Document Number:KL25PB
Product Brief
Rev. 2, 6/2012
KL24/KL25 Product Brief
Supports all KL24 and KL25 devices
© 2011–2012 Freescale Semiconductor, Inc.
Preliminary
General Business Information
Contents
1
Kinetis L Series.........................................................1
2
KL24/KL25 Sub-Family Introduction......................3
3
Block Diagram..........................................................3
4
Features.....................................................................6
5
Power modes...........................................................18
6
Revision History.....................................................20


Similar Part No. - MKL24Z256RTFTCCC(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL24Z32VFM4 FREESCALE-MKL24Z32VFM4 Datasheet
1Mb / 48P
   KL24 Sub-Family Data Sheet
logo
NXP Semiconductors
MKL24Z32VFM4 NXP-MKL24Z32VFM4 Datasheet
1Mb / 54P
   Kinetis KL24 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
MKL24Z32VFT4 FREESCALE-MKL24Z32VFT4 Datasheet
1Mb / 48P
   KL24 Sub-Family Data Sheet
logo
NXP Semiconductors
MKL24Z32VFT4 NXP-MKL24Z32VFT4 Datasheet
1Mb / 54P
   Kinetis KL24 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
MKL24Z32VLH4 FREESCALE-MKL24Z32VLH4 Datasheet
1Mb / 48P
   KL24 Sub-Family Data Sheet
More results

Similar Description - MKL24Z256RTFTCCC(R)

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com