Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA171AIDRLT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA171AIDRLT
Description  36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171AIDRLT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA171AIDRLT Datasheet HTML 3Page - Texas Instruments OPA171AIDRLT Datasheet HTML 4Page - Texas Instruments OPA171AIDRLT Datasheet HTML 5Page - Texas Instruments OPA171AIDRLT Datasheet HTML 6Page - Texas Instruments OPA171AIDRLT Datasheet HTML 7Page - Texas Instruments OPA171AIDRLT Datasheet HTML 8Page - Texas Instruments OPA171AIDRLT Datasheet HTML 9Page - Texas Instruments OPA171AIDRLT Datasheet HTML 10Page - Texas Instruments OPA171AIDRLT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
OffsetVoltageDrift( V/ C)
m
°
25
20
15
10
5
0
DistributionTakenFrom110Amplifiers
OffsetVoltage( V)
m
16
14
12
10
8
6
4
2
0
DistributionTakenFrom3500Amplifiers
600
400
200
0
200
400
600
800
-
-
-
-
-75
-50
-25
0
25
150
Temperature( C)
°
50
125
100
75
5TypicalUnitsShown
1000
800
600
400
200
0
200
400
600
800
1000
-
-
-
-
-
-
20
-
15
-
10
-
5
0
5
10
15
20
V
(V)
CM
V
= 18.1V
-
CM
10TypicalUnitsShown
10000
8000
6000
4000
2000
0
2000
4000
6000
8000
10000
-
-
-
-
-
15.5
16
16.5
17
17.5
18
18.5
V
(V)
CM
10TypicalUnitsShown
Normal
Operation
V
=+18.1V
CM
350
250
150
50
50
150
250
350
-
-
-
-
0
2
4
6
8
16
20
V
(V)
SUPPLY
V
= 1.35Vto 18V
10TypicalUnitsShown
±
SUPPLY
±
18
14
12
10
OPA171
OPA2171
OPA4171
www.ti.com
SBOS516C
– SEPTEMBER 2010 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS
VS = ±18V, VCM = VS/2, RLOAD = 10kΩ connected to VS/2, and CL = 100pF, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT DISTRIBUTION
Figure 1.
Figure 2.
OFFSET VOLTAGE vs TEMPERATURE
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
Figure 3.
Figure 4.
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
(Upper Stage)
OFFSET VOLTAGE vs POWER SUPPLY
Figure 5.
Figure 6.
Copyright
© 2010–2011, Texas Instruments Incorporated
7


Similar Part No. - OPA171AIDRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171AIDRLT TI1-OPA171AIDRLT Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171AIDRLT TI1-OPA171AIDRLT Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171AIDRLT TI1-OPA171AIDRLT Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA171AIDRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com