Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904TT1G Datasheet(PDF) 7 Page - Texas Instruments

Part # MMBT3904TT1G
Description  Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MMBT3904TT1G Datasheet(HTML) 7 Page - Texas Instruments

Back Button MMBT3904TT1G Datasheet HTML 3Page - Texas Instruments MMBT3904TT1G Datasheet HTML 4Page - Texas Instruments MMBT3904TT1G Datasheet HTML 5Page - Texas Instruments MMBT3904TT1G Datasheet HTML 6Page - Texas Instruments MMBT3904TT1G Datasheet HTML 7Page - Texas Instruments MMBT3904TT1G Datasheet HTML 8Page - Texas Instruments MMBT3904TT1G Datasheet HTML 9Page - Texas Instruments MMBT3904TT1G Datasheet HTML 10Page - Texas Instruments MMBT3904TT1G Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Electrical Performance Specifications
www.ti.com
2
Electrical Performance Specifications
Table 1. PWR091EVM-001 Electrical Performance Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Voltage range
V
IN
8
12
14
V
Maximum input current
V
IN = 8 V, IO1 = 20 A, IO2 = 15 A
10
15
A
No load input current
V
IN = 14 V, IO1 = 0 A, IO2 = 0 A
100
mA
OUTPUT CHARACTERISTICS
V
OUT1
Output voltage
Output current = 10 A
1.2
V
V
OUT2
Output voltage
Output current = 10 A
3.3
V
I
OUT1
Output load current
I
OUT_min to IOUT_max
0
20
A
I
OUT2
Output load current
I
OUT_min to IOUT_max
0
15
A
Line regulation: Input voltage = 8 V to 14 V
0.5%
Output voltage regulation
Load regulation: Output current = 0 A to I
OUT_max, both
0.%5
outputs
V
OUT1
Output voltage ripple
V
IN = 12 V, IOUT = 20 A
30
mVpp
V
OUT2
Output voltage ripple
V
IN = 12 V, IOUT = 15 A
30
mVpp
V
OUT1
Output overcurrent
25
A
V
OUT2
Output overcurrent
20
A
SYSTEMS CHARACTERISTICS
Switching frequency
F
SW
460
kHz
V
OUT1
Peak efficiency
V
IN = 8 V, IO1 = 10 A, VOUT2 disabled, FSW = 300 kHz
92%
V
OUT2
Peak efficiency
V
IN = 8 V, IO2 = 8.5 A, VOUT1 disabled, FSW = 300 kHz
95%
V
OUT1
Full-load efficiency
V
IN = 8 V, IO1 = 10 A, VOUT2 disabled, FSW = 300 kHz
90%
V
OUT2
Full-load efficiency
V
IN = 8 V, IO2 = 8.5 A, VOUT1 disabled, FSW = 300 kHz
93%
Operating temperature
T
oper
25
ºC
8
Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
SLVU638
– January 2012
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - MMBT3904TT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3904TT1G ONSEMI-MMBT3904TT1G Datasheet
107Kb / 7P
   General Purpose Transistors
June, 2007 - Rev. 4
MMBT3904TT1G ONSEMI-MMBT3904TT1G Datasheet
136Kb / 7P
   General Purpose Transistors
November, 2011 ??Rev. 5
More results

Similar Description - MMBT3904TT1G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
Analog Devices
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
   150A DC/DC μModule Regulator with PMBus Interface
Rev. B
logo
Renesas Technology Corp
RAA210925 RENESAS-RAA210925 Datasheet
2Mb / 64P
   Pin-Configurable Dual 25A DC/DC Power Module with PMBus Interface
May 31, 2019
logo
Analog Devices
LTP8803-1A AD-LTP8803-1A Datasheet
2Mb / 20P
   160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
logo
Renesas Technology Corp
RAA210850 RENESAS-RAA210850 Datasheet
2Mb / 58P
   Pin-Configurable 50A DC/DC Power Module with PMBus Interface
Mar 15, 2019
RAA210870 RENESAS-RAA210870 Datasheet
2Mb / 58P
   Pin-Configurable 70A DC/DC Power Module with PMBus Interface
Oct 23, 2018
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
   Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210825 RENESAS-RAA210825 Datasheet
2Mb / 56P
   Pin-Configurable 25A DC/DC Power Module with PMBus Interface
Feb 8, 2019
logo
Analog Devices
LTC7131-1 AD-LTC7131-1 Datasheet
2Mb / 44P
   25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
logo
Renesas Technology Corp
ZL8801 RENESAS-ZL8801 Datasheet
2Mb / 87P
   Dual Phase PMBus??ChargeMode??Control DC/DC Digital Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com