Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML6402 Datasheet(PDF) 6 Page - Texas Instruments

Part # IRLML6402
Description  bq2026 Evaluation Software
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

IRLML6402 Datasheet(HTML) 6 Page - Texas Instruments

Back Button IRLML6402 Datasheet HTML 2Page - Texas Instruments IRLML6402 Datasheet HTML 3Page - Texas Instruments IRLML6402 Datasheet HTML 4Page - Texas Instruments IRLML6402 Datasheet HTML 5Page - Texas Instruments IRLML6402 Datasheet HTML 6Page - Texas Instruments IRLML6402 Datasheet HTML 7Page - Texas Instruments IRLML6402 Datasheet HTML 8Page - Texas Instruments IRLML6402 Datasheet HTML 9Page - Texas Instruments IRLML6402 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
bq2026EVM Circuit Module Bill of Materials
www.ti.com
Figure 5. bq2026EVM Bottom Layer
5
bq2026EVM Circuit Module Bill of Materials
Table 2 presents the bill of materials required for the bq2026EVM circuit module.
Table 2. Bill of Materials
Count
RefDes
Description
Size
MFR
Part Number
2
D1, D2
Diode, Zener, 5.6-V, 350-mW
SOT-23
Diodes, Inc.
BZX84C5V6
1
J3
Header, 2-pin, 100-mil spacing, (36-pin strip)
0.100 x 2
Sullins
PTC36SAAN
3
R1, R2, R6
Resistor, Chip, 100-
Ω, 1/16-W, 5%
603
Std
Std
1
R3
Resistor, Chip, 100-k
Ω, 1/16-W, 5%
603
Std
Std
1
R4
Resistor, Chip, 10-k
Ω, 1/16-W, 5%
603
Std
Std
1
R5
Resistor, Chip, 15-k
Ω, 1/16-W, 5%
603
Std
Std
0
R7*, R8*
Resistor, Chip, 2.7-k
Ω, 1/16-W, 5%
603
Std
Std
1
XU1
Socket, SOT-23, 6P
SOT-23-6
WELLS-CTI
499-P44-20
1
J1
Header, Friction Lock Ass
'y, 4-pin Right Angle
0.400 x 0.500
Molex
22-05-3041
1
J2
Terminal Block, 2-pin, 6-A, 3.5-mm
0.27 x 0.25 inch
OST
ED1514
0
GND*
Test Point, Black, 1-mm
0.038
Keystone
5001
0
SDQ*
Test Point, Red, 1-mm
0.038
Keystone
5000
2
U2,U3*
Socket Pin - Install First
DIA_038, PIN_013-020, EXP_146,
Tyco
50935
B125
1
Q1
MOSFET, N-ch, 60-V, 115-mA, 1.2-
Ω
SOT23
Vishay-Liteon
2N7002-7-F
1
Q2
MOSFET, Pch, -20-V, 3.7-A, 65 m
Ω
SOT23
IR
IRLML6402
1
--
PCB, 2 In x 1.25 In x 0.125 In
Any
bq2026EVM Board
1
N/A
Shunt, 100-mil, Black
0.1
3M
929950-00
6
bq2026 Evaluation Software
SLUU763
– December 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - IRLML6402

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6402 IRF-IRLML6402 Datasheet
81Kb / 8P
   HEXFET Power MOSFET
IRLML6402 IRF-IRLML6402 Datasheet
140Kb / 9P
   HEXFET Power MOSFET
logo
Guangdong Kexin Industr...
IRLML6402 KEXIN-IRLML6402 Datasheet
2Mb / 6P
   P-Channel Enhancement MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML6402 HOTTECH-IRLML6402 Datasheet
442Kb / 4P
   Plastic-Encapsulate Mosfets
logo
Shanghai Leiditech Elec...
IRLML6402 LEIDITECH-IRLML6402 Datasheet
1Mb / 5P
   -20V P-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
More results

Similar Description - IRLML6402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1488 STMICROELECTRONICS-UM1488 Datasheet
2Mb / 17P
   STPMC1 evaluation software
logo
Cirrus Logic
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
   Evaluation Board and Software
logo
STMicroelectronics
UM1719 STMICROELECTRONICS-UM1719 Datasheet
1Mb / 18P
   The STPM3x evaluation software
logo
Cirrus Logic
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
   Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
   Evaluation Board and Software
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
   Evaluation Board and Software
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5550 CIRRUS-CDB5550 Datasheet
796Kb / 23P
   Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
   Evaluation Board and Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com