Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39LF200A-55-4E-EK Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST39LF200A-55-4E-EK
Description  2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF200A-55-4E-EK Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST39LF200A-55-4E-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39LF200A-55-4E-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39LF200A-55-4E-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39LF200A-55-4E-EK Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39LF200A-55-4E-EK Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39LF200A-55-4E-EK Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39LF200A-55-4E-EK Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39LF200A-55-4E-EK Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39LF200A-55-4E-EK Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Data Sheet
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
11
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to VDD + 1.0V
Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 13.2V
Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Lead Soldering Temperature (3 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240°C
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE: SST39LF200A/400A/800A
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
3.0-3.6V
OPERATING RANGE: SST39VF200A/400A/800A
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.7-3.6V
Extended
-20°C to +85°C
2.7-3.6V
Industrial
-40°C to +85°C
2.7-3.6V
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . 5 ns
Output Load . . . . . . . . . . . . . . . . . . . . CL = 30 pF for SST39LF200A/400A/800A
Output Load . . . . . . . . . . . . . . . . . . . . CL = 100 pF for SST39VF200A/400A/800A
See Figures 14 and 15


Similar Part No. - SST39LF200A-55-4E-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF200A-55-4C-B3K SST-SST39LF200A-55-4C-B3K Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A-55-4C-B3KE SST-SST39LF200A-55-4C-B3KE Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A-55-4C-EK SST-SST39LF200A-55-4C-EK Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A-55-4C-EKE SST-SST39LF200A-55-4C-EKE Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
More results

Similar Description - SST39LF200A-55-4E-EK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
SST39CF200A SST-SST39CF200A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com