Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06183105 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 06183105
Description  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06183105 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 06183105 Datasheet HTML 5Page - Tyco Electronics 06183105 Datasheet HTML 6Page - Tyco Electronics 06183105 Datasheet HTML 7Page - Tyco Electronics 06183105 Datasheet HTML 8Page - Tyco Electronics 06183105 Datasheet HTML 9Page - Tyco Electronics 06183105 Datasheet HTML 10Page - Tyco Electronics 06183105 Datasheet HTML 11Page - Tyco Electronics 06183105 Datasheet HTML 12Page - Tyco Electronics 06183105 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
HX-SCE Low fire hazard heat-shrinkable wire identification sleeves
9
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Ordering information
Available sizes and formats
Inside diameter
Ordering
D (min)
d (max)
Recommended
description
as supplied
after recovery
use range
mm
inches
mm
inches
mm
inches
HX-SCE-1K- 2.4 - 50- <color>
2.40
0.094
1.19
0.047
1.27 - 1.90
0.050 - 0.075
HX-SCE-1K- 3.2 - 50- <color>
3.20
0.126
1.58
0.060
1.765 - 2.66
0.069 - 0.105
HX-SCE-1K- 4.8 - 50- <color>>
4.80
0.189
2.36
0.090
2.54 - 4.06
0.100 - 0.160
HX-SCE-1K- 6.4 - 50- <color>
6.40
0.250
3.18
0.125
3.81 - 5.46
0.150 - 0.215
HX-SCE-1K- 9.5 - 50- <color>
9.50
0.375
4.75
0.187
5.59 - 8.12
0.220 - 0.320
HX-SCE-1K- 12.7 - 50- <color>
12.70
0.500
6.35
0.250
6.99 - 10.79
0.275 - 0.425
HX-SCE-1K- 19.0 - 50- <color>
19.00
0.730
9.53
0.375
10.16 - 16.25
0.400 - 0.640
HX-SCE-1K- 25.4 - 50- <color>
25.40
1.000
12.70
0.500
14.29 - 21.59
0.563 - 0.850
HX-SCE-1K- 38.1 - 50- <color>
38.10
1.500
19.05
0.750
20.95 - 33.02
0.825 - 1.300
Options
Prescoring
Perforated score to produce multiple marker sleeves from each HX-SCE sleeve.
Nonstandard
Side scored
Number of prescores
1 prescore
2 prescores
3 prescores
Code
S1
S2
S3
Package sizes
Standard
1K - 1000 piece packages available for all HX-SCE sizes up to 25.4
Nonstandard
2.5K - 2500 pieces available for 4.8 and 6.4 HX-SCE sizes
5K - 5000 pieces available for 2.4 and 3.2 HX-SCE sizes
250 piece package available for all HX-SCE sizes
Colors
Standard
Yellow
White
Code
4
9
Nonstandard
Red
Green
Blue
Orange
Code
2
5
6
3
Ordering information: Specify product name, pack size, sleeve size, prescore, format and color.
Ordering example: HX-SCE-1K--50-S1-4


Similar Part No. - 06183105

ManufacturerPart #DatasheetDescription
logo
Littelfuse
06183-15MXP LITTELFUSE-06183-15MXP Datasheet
99Kb / 1P
   0618XP - Series 5x20mm Time-Lag Fuse Designed to IEC Standard (Low Breaking Capacity)
More results

Similar Description - 06183105

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com