Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKL25A256TLHCCC(R) Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MKL25A256TLHCCC(R)
Description  KL24/KL25 Product Brief
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL25A256TLHCCC(R) Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MKL25A256TLHCCC(R) Datasheet HTML 2Page - Freescale Semiconductor, Inc MKL25A256TLHCCC(R) Datasheet HTML 3Page - Freescale Semiconductor, Inc MKL25A256TLHCCC(R) Datasheet HTML 4Page - Freescale Semiconductor, Inc MKL25A256TLHCCC(R) Datasheet HTML 5Page - Freescale Semiconductor, Inc MKL25A256TLHCCC(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL25A256TLHCCC(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL25A256TLHCCC(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL25A256TLHCCC(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc MKL25A256TLHCCC(R) Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Features
4.1 Feature Summary
All devices within the KL24 and KL25 family features the following at a minimum:
Table 1. Common features among all KL24 and KL25 devices
Operating characteristics
• 1.71 V to 3.6 V
• Temperature range (TA) -40°C to 105°C
• Flexible modes of operation
Core features
• Next generation 32-bit ARM Cortex M0+ core
• Support up to 32 interrupt request sources
• Nested vectored interrupt controller (NVIC)
• Debug & trace capability
• 2-pin serial wire debug (SWD)
• Micro trace buffer (MTB)
System and power management
• Software watchdog
• Integrated bit manipulation engine (BME)
• DMA controller
• Low-leakage wake-up unit (LLWU)
• Power management controller with 10 different power
modes
• Non-maskable interrupt (NMI)
• 80-bit unique identification (ID) number per chip
Clocks
• External crystal oscillator or resonator
• DC- 48 MHz external square wave input clock
• Internal clock references
• 31.25 to 39.063 kHz oscillator
• 4 MHz oscillator
• 1 kHz oscillator
• Frequency-locked loop with the range of
• 20-25 MHz
• 40-48 MHz
• Phased-locked loop up to 100 VCO
Memory and memory interfaces
• Up to 128 KB with 64 byte flash cache for KL25 and up
to 64 KB with 64 byte flash cache for KL24
• Up to 16 KB random-access memory for KL25 and up
to 8 KB RAM for KL24
Security and integrity
• COP watchdog
Analog
• 12-bit analog-to-digital converter( ADC) for KL24 and
16-bit ADC with DP channel for KL25
• High speed comparator (HSCMP)with internal 6-bit
digital-to-analog converter (DAC)
• 12-bit digital-to-analog converter (DAC) for KL25
Timers
• One 6-channel and two 2-channel 16-bit TPM modules
• 32-bit Programmable interrupt timer (PIT)
• Real-time clock (SRTC)
• Low-power timer (LPTMR)
• System tick timer (SYSTIK)
Table continues on the next page...
4
Features
KL24/KL25 Product Brief, Rev. 2, 6/2012
6
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - MKL25A256TLHCCC(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL25Z128VFM4 FREESCALE-MKL25Z128VFM4 Datasheet
1Mb / 53P
   Part numbers for the chip have fields that identify the specific part.
logo
NXP Semiconductors
MKL25Z128VFM4 NXP-MKL25Z128VFM4 Datasheet
1Mb / 59P
   Kinetis KL25 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
MKL25Z128VFT4 FREESCALE-MKL25Z128VFT4 Datasheet
1Mb / 53P
   Part numbers for the chip have fields that identify the specific part.
logo
NXP Semiconductors
MKL25Z128VFT4 NXP-MKL25Z128VFT4 Datasheet
1Mb / 59P
   Kinetis KL25 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
MKL25Z128VLH4 FREESCALE-MKL25Z128VLH4 Datasheet
1Mb / 53P
   Part numbers for the chip have fields that identify the specific part.
More results

Similar Description - MKL25A256TLHCCC(R)

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com