Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1T45DBVRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45DBVRG4
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1T45DBVRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1T45DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1T45DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1T45DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1T45DBVRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC1T45DBVRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC1T45DBVRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC1T45DBVRG4 Datasheet HTML 12Page - Texas Instruments SN74LVC1T45DBVRG4 Datasheet HTML 13Page - Texas Instruments SN74LVC1T45DBVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0
5
10
15
20
25
30
35
CL − pF
0
1
2
3
4
5
6
7
8
9
10
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
0
5
10
15
20
25
30
35
CL − pF
0
1
2
3
4
5
6
7
8
9
10
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
CL − pF
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
7
8
9
10
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
0
5
10
15
20
25
30
35
CL − pF
0
1
2
3
4
5
6
7
8
9
10
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
SN74LVC1T45
SCES515I – DECEMBER 2003 – REVISED MAY 2009 ..................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
TYPICAL PROPAGATION DELAY (A to B) vs LOAD CAPACITANCE
TA = 25°C, VCCA = 3.3 V
TYPICAL PROPAGATION DELAY (B to A) vs LOAD CAPACITANCE
TA = 25°C, VCCA = 3.3 V
10
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1T45


Similar Part No. - SN74LVC1T45DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45DBVRG4 TI-SN74LVC1T45DBVRG4 Datasheet
601Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45DBVRG4 TI-SN74LVC1T45DBVRG4 Datasheet
831Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45DBVRG4 TI-SN74LVC1T45DBVRG4 Datasheet
832Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVC1T45DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
[Old version datasheet]   SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com