Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G74-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G74-EP
Description  SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G74-EP Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G74-EP Datasheet HTML 1Page - Texas Instruments SN74LVC2G74-EP Datasheet HTML 2Page - Texas Instruments SN74LVC2G74-EP Datasheet HTML 3Page - Texas Instruments SN74LVC2G74-EP Datasheet HTML 4Page - Texas Instruments SN74LVC2G74-EP Datasheet HTML 5Page - Texas Instruments SN74LVC2G74-EP Datasheet HTML 6Page - Texas Instruments SN74LVC2G74-EP Datasheet HTML 7Page - Texas Instruments SN74LVC2G74-EP Datasheet HTML 8Page - Texas Instruments SN74LVC2G74-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Electrical Characteristics
Timing Requirements
Switching Characteristics
SN74LVC2G74-EP
www.ti.com ....................................................................................................................................................................................................... SCES718 – MAY 2008
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –24 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 24 mA
4.5 V
0.55
Data or
II
VI = 5.5 V or GND
0 to 5.5 V
±5
µA
control inputs
Ioff
VI or VO = 5.5 V
0
±10
µA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
µA
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
µA
Ci
VI = VCC or GND
3.3 V
5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 3.3 V
VCC = 5 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
fclock
175
200
MHz
CLK
2.7
2
tw
Pulse duration
ns
PRE or CLR low
2.7
2
Data
1.3
1.1
tsu
Setup time, before CLK
ns
PRE or CLR inactive
1.2
1.2
th
Hold time, data after CLK
1.2
0.5
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
175
200
MHz
Q
2.2
7.9
1.4
6.1
CLK
tpd
Q
2.6
8.2
1.6
6.4
ns
PRE or CLR
Q or Q
1.7
7.9
1.6
6.1
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74LVC2G74-EP


Similar Part No. - SN74LVC2G74-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G74-EP TI1-SN74LVC2G74-EP Datasheet
753Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP Datasheet
1Mb / 25P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
SN74LVC2G74-EP TI1-SN74LVC2G74-EP_15 Datasheet
753Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - SN74LVC2G74-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G74 TI1-SN74LVC2G74_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
SN74LVC2G74 TI-SN74LVC2G74 Datasheet
355Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUC1G74 TI-SN74AUC1G74 Datasheet
266Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74_08 Datasheet
440Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP_15 Datasheet
753Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-Q1 TI1-SN74LVC2G74-Q1_15 Datasheet
770Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Unisonic Technologies
U74LVC1G74 UTC-U74LVC1G74 Datasheet
185Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LVC2G74 TI-SN74LVC2G74_09 Datasheet
540Kb / 16P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-Q1 TI-SN74LVC2G74-Q1 Datasheet
153Kb / 10P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC1G74 TI1-SN74LVC1G74 Datasheet
720Kb / 19P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com