Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD3085EDGK Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3085EDGK
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD3085EDGK Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD3085EDGK Datasheet HTML 4Page - Texas Instruments SN65HVD3085EDGK Datasheet HTML 5Page - Texas Instruments SN65HVD3085EDGK Datasheet HTML 6Page - Texas Instruments SN65HVD3085EDGK Datasheet HTML 7Page - Texas Instruments SN65HVD3085EDGK Datasheet HTML 8Page - Texas Instruments SN65HVD3085EDGK Datasheet HTML 9Page - Texas Instruments SN65HVD3085EDGK Datasheet HTML 10Page - Texas Instruments SN65HVD3085EDGK Datasheet HTML 11Page - Texas Instruments SN65HVD3085EDGK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
50 W
54 W
A
RE
Signal
Generator
B
VCC
DE
VCC
D
1kW
C =15pF
L
0V
R
1.5V
GND
tPHZ
V
-0.5V
OH
0V
R
RE
1.5V
3V
VOH
tPZH
54 W
VCC
tPLZ
V
+0.5V
OH
5V
R
A
DE
VOL
Signal
Generator
B
0V D
50 W
RE
1kW
C =15pF
L
R
RE
0V
3V
VCC
1.5V
1.5V
tPZL
1.5V
50 W
1kW
C =15pF
L
SwitchDownforV
=1.5V
(A)
SwitchUpforV
=-1.5V
(A)
Signal
Generator
0V
R
R
A
RE
RE
1.5V
1.5Vor
-1.5V
3V
B
tPZH(SHDN)
tPZL(SHDN)
VCC
VOL
VOH
0V
5V
SN65HVD3082E, SN75HVD3082E
SN65HVD3085E, SH65HVD3088E
SLLS562G – AUGUST 2009 – REVISED MAY 2009
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 10. Receiver Enable/Disable Test Circuit and Waveforms, Data Output High
Figure 11. Receiver Enable/Disable Test Circuit and Waveforms, Data Output Low
Figure 12. Receiver Enable From Shutdown Test Circuit and Waveforms
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD3082E SN75HVD3082E SN65HVD3085E SH65HVD3088E


Similar Part No. - SN65HVD3085EDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3085EDGK TI-SN65HVD3085EDGK Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3085EDGK TI-SN65HVD3085EDGK Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3085EDGK TI-SN65HVD3085EDGK Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3085EDGK TI1-SN65HVD3085EDGK Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3085EDGKG4 TI-SN65HVD3085EDGKG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD3085EDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_17 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com