Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD3085EDGKG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65HVD3085EDGKG4
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD3085EDGKG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD3085EDGKG4 Datasheet HTML 1Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 2Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 3Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 4Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 5Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 6Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 7Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 8Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SN65HVD3082E, SN75HVD3082E
SN65HVD3085E, SH65HVD3088E
SLLS562G – AUGUST 2009 – REVISED MAY 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1) (2)
UNIT
Supply voltage range, VCC
–0.5 V to 7 V
Voltage range at A or B
–9 V to 14 V
Voltage range at any logic pin
–0.3 V to VCC + 0.3 V
Receiver output current
–24 mA to 24 mA
Voltage input, transient pulse, A and B, through 100
Ω. See Figure 13
–50 to 50 V
Junction Temperature, TJ
170°C
Continuous total power dissipation
See the Package Dissipation Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
PACKAGE DISSIPATION RATINGS
JEDEC BOARD
TA < 25°C
DERATING FACTOR (1)
TA = 70°C
TA = 85°C
PACKAGE
ABOVE TA = 25°C
POWER RATING
POWER RATING
MODEL
POWER RATING
Low k(2)
507 mW
4.82 mW/°C
289 mW
217 mW
D
High k(3)
824 mW
7.85 mW/°C
471 mW
353 mW
P
Low k(2)
686 mW
6.53 mW/°C
392 mW
294 mW
Low k(2)
394 mW
3.76 mW/°C
255 mW
169 mW
DGK
High k(3)
583 mW
5.55 mW/°C
333 mW
250 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
(2)
In accordance with the low-k thermal metric definitions of EIA/JESD51-3
(3)
In accordance with the high-k thermal metric definitions of EIA/JESD51-7
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD3082E SN75HVD3082E SN65HVD3085E SH65HVD3088E


Similar Part No. - SN65HVD3085EDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3085EDGKG4 TI-SN65HVD3085EDGKG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3085EDGKG4 TI-SN65HVD3085EDGKG4 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3085EDGKG4 TI1-SN65HVD3085EDGKG4 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
More results

Similar Description - SN65HVD3085EDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_17 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com