Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD12-20B12A2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LD12-20B12A2
Description  LD12 series ----- are the 12W compact size power converter offered by Mornsun.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD12-20B12A2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LD12-20B12A2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD12-20B12A2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD12-20B12A2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD12-20B12A2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD12-20B12A2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LD12-20BXX
A/2-2012
Page1 of 5
SELECTION GUIDE
Approval
Model
Package
Power
Output
(Vo/Io)
Ripple and Noise
(typ.)
Efficiency
(%)(typ.)
Standby Power
(max.)
LD12-20B03
7.9W
3.3V/2400mA
74
LD12-20B05
5V/2400mA
78
LD12-20B12
12V/1000mA
82
LD12-20B15
15V/800mA
82
UL/CE
LD12-20B24
53.8x28.8x23.5mm
12W
24V/500mA
50mV
83
0.3W
INPUT SPECIFICATIONS
Input voltage range
85~264VAC,
120~370VDC
Input frequency
47~440Hz
Input current
110VAC
280mA, typ
230VAC
190mA, typ
Inrush current
110VAC
10A, typ
230VAC
20A, typ
Recommended External Input Fuse
(Special package series include fuse)
3.15A/250V
Slow-Blow
OUTPUT SPECIFICATIONS
Voltage set accuracy
±2%
Input variation
±0.5% (typ)
Load variation (10% to 100% load)
±1% (typ)
Min load
0%
Ripple& noise(p-p)
(20MHz Bandwidth)
100mV (max)
Short circuit protection
Continuous, and auto resume
Over current protection
≥110% Io and auto resume
Over voltage protection
Zener diode clamp
LD12 SERIES
12W, AC-DC CONVERTER
LD12 series ----- are the 12W compact size power converter offered by
Mornsun. It features universal input voltage, taking both DC and AC input
voltage, low power consumption, low ripple& noise , high efficiency, high
reliability, 4000VAC safer isolation. It offers good EMC performance, meet
IEC/EN61000-4, CISPR22/EN55022, UL60950 and EN60950 standards,
and widely used in industrial, electricity, instruments, telecommunication
and civil applications.
For harsh EMC environment, this series of
products must use the refered application circuit.
RoHS
E235235
PRODUCT FEATURES
1.
Universal input :85~264VAC/120~370VDC
2.
AC and DC dual-use(input from the same terminal)
3.
Super small volume
4.
4000VAC safer isolation
5.
Low ripple and noise
6.
High efficiency, low loss, green environmental protection
7.
Output over voltage, short circuit and over current
protection
8.
Meet UL60950 and EN60950 standards
9.
Three years warranty
10.
Mounting: PCB mounting, Chassis mounting with Screw
Terminals, DIN-Rail mounting
PART NUMBER SYSTEM
LD12-20B12A2


Similar Part No. - LD12-20B12A2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD12-20B12 MORNSUN-LD12-20B12 Datasheet
489Kb / 7P
   12W, AC-DC converter
More results

Similar Description - LD12-20B12A2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Sanken electric
LC5710S SANKEN-LC5710S Datasheet
2Mb / 42P
   Operation Types: The following converter types are applicable by the external circuit configuration
logo
Murata Manufacturing Co...
SFECF10M7DA0001-R0 MURATA-SFECF10M7DA0001-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7EA00S0-R0 MURATA-SFECF10M7EA00S0-R0 Datasheet
210Kb / 3P
   The filters are mountable by automatic placers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com