Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB05-10D0505-01 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LB05-10D0505-01
Description  LB series ---- is a compact size power converter offered by Mornsun.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB05-10D0505-01 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LB05-10D0505-01 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB05-10D0505-01 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB05-10D0505-01 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB05-10D0505-01 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB05-10D0505-01 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB05-10D0505-01 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LB03-15
A/3-2012
Page 1 of 6
LB03-15 SERIES
3-15W, AC-DC CONVERTER
LB series ---- is a compact size power converter offered by Mornsun. It
features universal input voltage, taking both DC and AC input voltage, low power
consumption, high efficiency, high reliability, safer isolation. It offers good EMC
performance, meets IEC/EN61000-4, CISPR22/EN55022, UL60950, EN60950
standards, and is widely used in industrial, office and civil applications. For harsh
EMC environment, this series of products must use the refered
application
circuit.
RoHS E235235
PRODUCT FEATURES
1. Universal Input :85 ~ 264VAC,50/60Hz
2. Regulated output, low ripple and noise
3. Efficiency up to 81%
4. Compact size, environmentally friendly
5. Over-current, short circuit and over-temperature protection
6. Plastic case, meets UL94V-0
7. Meets: UL60950、EN60950
8. Three years warranty
9. Mounting: PCB mounting, Chassis mounting with Screw Terminals,
DIN-Rail mounting
MODEL SELECTION
LB10-10B24A2
PRODUCT PROGRAM
Approval
Model
Package
Power
Output (Vo1/Io1)
Output (Vo2/Io2)
Ripple and Noise(Typ.)
Efficiency(%)(Typ.)
UL/CE
LB03-10B03
3.3V/1000mA
68
UL/CE
LB03-10B05
5V/600mA
71
UL/CE
LB03-10B09
9V/330mA
75
UL/CE
LB03-10B12
12V/250mA
74
UL/CE
LB03-10B15
15V/200mA
75
UL/CE
LB03-10B24
48.5X36X20.5mm
3W
24V/125mA
50mV
77
UL/CE
LB05-10B03
3.3V/1500mA
70
UL/CE
LB05-10B05
5V/1000mA
73
UL/CE
LB05-10B09
9V/600mA
75
UL/CE
LB05-10B12
12V/450mA
76
UL/CE
LB05-10B15
15V/350mA
78
UL/CE
LB05-10B24
24V/230mA
79
UL/CE
LB05-10A05
+5V/500mA
-5V/500mA
70
UL/CE
LB05-10A12
+12V/210mA
-12V/210mA
74
UL/CE
LB05-10A15
+15V/170mA
-15V/170mA
75
UL/CE
LB05-10A24
+24V/100mA
-24V/100mA
77
UL/CE
LB05-10D0505-01
+5V/900mA
+5V/100mA
70
UL/CE
LB05-10D0512-01
+5V/750mA
+12V/100mA
74
UL/CE
LB05-10D0515-01
+5V/700mA
+15V/100mA
74
UL/CE
LB05-10D0524-01
55X45X21.0mm
5W
+5V/600mA
+24V/100mA
50mV
75
LB10-10B03
3.3V/3000mA
70
LB10-10B05
5V/2000mA
73
LB10-10B09
9V/1100mA
77
LB10-10B12
12V/900mA
78
LB10-10B15
15V/700mA
78
LB10-10B24
24V/450mA
80
LB10-10A05
+5V/1000mA
-5V/1000mA
73
LB10-10A12
+12V/450mA
-12V/450mA
78
LB10-10A15
62X45X22.5mm
10W
+15V/350mA
-15V/350mA
50mV
79
UL/CE
LB15-10B03
3.3V/3500mA
71
UL/CE
LB15-10B05
5V/3000mA
74
UL/CE
LB15-10B12
12V/1250mA
79
UL/CE
LB15-10B15
15V/1000mA
80
UL/CE
LB15-10B24
70X48X23.5mm
15W
24V/625mA
50mV
81
Note: LB03-10AXX sample Vo2 for feedback;LB05/10/15XX sample positive and negative output for feedback;others sample Vo1 for feedback。


Similar Part No. - LB05-10D0505-01

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LB05-10D0505-01 MORNSUN-LB05-10D0505-01 Datasheet
220Kb / 10P
   AC-DC CONVERTER
More results

Similar Description - LB05-10D0505-01

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com