Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNHVD3082EDGKG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SNHVD3082EDGKG4
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNHVD3082EDGKG4 Datasheet(HTML) 5 Page - Texas Instruments

  SNHVD3082EDGKG4 Datasheet HTML 1Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 2Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 3Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 4Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 5Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 6Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 7Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 8Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SN65HVD3082E, SN75HVD3082E
SN65HVD3085E, SH65HVD3088E
www.ti.com
SLLS562G – AUGUST 2009 – REVISED MAY 2009
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Positive-going differential input threshold
VIT+
IO = –8 mA
–85
–10
mV
voltage
Negative-going differential input threshold
VIT-
IO = 8 mA
–200
–115
mV
voltage
Vhys
Hysteresis voltage (VIT+ - VIT-)
30
mV
VOH
High-level output voltage
VID = 200 mV, IOH = –8 mA, See Figure 8
4
4.6
V
VOL
Low-level output voltage
VID = –200 mV, IO = 8 mA, See Figure 8
0.15
0.4
V
IOZ
High-impedance-state output current
VO = 0 or VCC, RE = VCC
–1
1
μA
VIH = 12 V, VCC = 5 V
0.04
0.1
VIH = 12 V, VCC = 0 V
0.06
0.125
II
Bus input current
mA
VIH = –7 V, VCC = 5 V
–0.1
–0.04
VIH = –7 V, VCC = 0 V
–0.05
–0.03
IIH
High-level input current, (RE)
VIH = 2 V
–60
–30
μA
IIL
Low-level Input current, (RE)
VIL = 0.8 V
–60
–30
μA
Cdiff
Differential input capacitance
VI = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
7
pF
(1)
All typical values are at 25°C and with a 5-V supply.
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HVD3082E
75
200
Propagation delay time, low-to-high-
HVD3085E
tPLH
ns
level output
HVD3086E
100
HVD3082E
79
200
Propagation delay time, high-to-low-
CL = 15 pF, See
HVD3085E
tPHL
ns
level output
Figure 9
HVD3088E
100
HVD3082E
4
30
HVD3085E
tsk(p)
Pulse skew (|tPHL – tPLH|)
ns
HVD3088E
10
tr
Output signal rise time
1.5
3
ns
VID = –1.5 V to 1.5 V,
CL = 15 pF, See Figure 9
tf
Output signal fall time
1.8
3
ns
HVD3082E
5
50
HVD3085E
tPZH
Output enable time to high level
ns
HVD3088E
30
HVD3082E
10
50
HVD3085E
tPZL
Output enable time to low level
ns
CL = 15 pF,
HVD3088E
30
DE at 3 V
See Figure 10 and
HVD3082E
5
50
Figure 11
HVD3085E
tPHZ
Output enable time from high level
ns
HVD3088E
30
HVD3082E
8
50
HVD3085E
tPLZ
Output disable time from low level
ns
HVD3088E
30
Propagation delay time, shutdown-to-
tPZH(SHDN)
1600
3500
ns
high-level output
CL = 15 pF, DE at 0 V,
See Figure 12
Propagation delay time, shutdown-to-low-
tPZL(SHDN)
1700
3500
ns
level output
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65HVD3082E SN75HVD3082E SN65HVD3085E SH65HVD3088E


Similar Part No. - SNHVD3082EDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNHVD3082EDGKG4 TI-SNHVD3082EDGKG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SNHVD3082EDGKG4 TI-SNHVD3082EDGKG4 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SNHVD3082EDGKG4 TI1-SNHVD3082EDGKG4 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
More results

Similar Description - SNHVD3082EDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_17 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com