Electronic Components Datasheet Search |
|
TLV320AIC3104 Datasheet(PDF) 9 Page - Texas Instruments |
|
TLV320AIC3104 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 91 page TLV320AIC3104 www.ti.com SLAS510C – FEBRUARY 2007 – REVISED DECEMBER 2010 ELECTRICAL CHARACTERISTICS (continued) At 25°C, AVDD = DRVDD = IOVDD = 3.3 V, DVDD = 1.8 V, fS = 48 kHz, 16-bit audio data (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT DAC DIGITAL INTERPOLATION – FILTER fS = 48 kHz Pass band 0 0.45 fS Hz Pass-band ripple ±0.06 dB Transition band 0.45 fS 0.55 fS Hz Stop band 0.55 fS 7.5 fS Hz Stop-band attenuation 65 dB Group delay 21/fS s STEREO HEADPHONE DRIVER – AC-COUPLED OUTPUT CONFIGURATION (3) 0-dB gain to high-power outputs. Output common-mode voltage 0-dB full-scale output voltage 0.707 VRMS setting = 1.35 V First option 1.35 Programmable output Second option 1.5 common-mode voltage V (applicable to line outputs Third option 1.65 also) Fourth option 1.8 Maximum programmable 9 dB output level control gain Programmable output level 1 dB control gain step size RL = 32 Ω 15 PO Maximum output power mW RL = 16 Ω 30 Signal-to-noise ratio(4) A-weighted 94 dB –77 1-kHz output, PO = 5 mW, RL = 32 Ω 0.014 –76 1-kHz output, PO = 10 mW, RL = 32 Ω 0.016 Total harmonic distortion dB% –73 1-kHz output, PO = 10 mW, RL = 16 Ω 0.022 –71 1-kHz output, PO = 20 mW, RL = 16 Ω 0.028 Channel separation 1-kHz, 0-dB input 90 dB Power supply rejection ratio 217 Hz, 100 mVpp on AVDD, DRVDD1/2 48 dB Mute attenuation 1-kHz output 107 dB DIGITAL I/O 0.3 VIL Input low level –0.3 V IOVDD 0.7 IOVDD > 1.6 V IOVDD VIH Input high level (5) V IOVDD ≤ 1.6 V 1.1 0.1 VOL Output low level V IOVDD 0.8 VOH Output high level V IOVDD CURRENT CONSUMPTION – DRVDD = AVDD = IOVDD = 3.3 V, DVDD = 1.8 V (4) Ratio of output level with a 1-kHz full-scale input, to the output level playing an all-zero signal, measured A-weighted over a 20-Hz to 20- kHz bandwidth. (5) When IOVDD < 1.6 V, minimum VIH is 1.1 V. Copyright © 2007–2010, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TLV320AIC3104 |
Similar Part No. - TLV320AIC3104_12 |
|
Similar Description - TLV320AIC3104_12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |